Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMK33 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VLMK33
Description  Power SMD LED PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMK33 Datasheet(HTML) 4 Page - Vishay Siliconix

  VLMK33 Datasheet HTML 1Page - Vishay Siliconix VLMK33 Datasheet HTML 2Page - Vishay Siliconix VLMK33 Datasheet HTML 3Page - Vishay Siliconix VLMK33 Datasheet HTML 4Page - Vishay Siliconix VLMK33 Datasheet HTML 5Page - Vishay Siliconix VLMK33 Datasheet HTML 6Page - Vishay Siliconix VLMK33 Datasheet HTML 7Page - Vishay Siliconix VLMK33 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VLMK33..
www.vishay.com
Vishay Semiconductors
Rev. 2.3, 24-Sep-2021
4
Document Number: 81350
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 8 - Change of Dominant Wavelength vs. Ambient Temperature
Fig. 9 - Change of Forward Voltage vs. Ambient Temperature
0.0
0.5
1.0
1.5
2.0
2.5
- 50
- 25
0
25
50
75
100
Tamb - Ambient Temperature (°C)
Amber
- 6
- 4
- 2
0
2
4
6
- 50
- 25
0
25
50
75
100
Tamb - Ambient Temperature (°C)
Amber
- 200
- 150
- 100
- 50
0
50
100
150
200
250
- 50
- 25
0
25
50
75
100
Tamb - Ambient Temperature (°C)
10 mA
30 mA
50 mA
Amber



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com