Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMS30 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMS30
Description  Low Current SMD LED PLCC-2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS30 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMS30 Datasheet HTML 1Page - Vishay Siliconix VLMS30 Datasheet HTML 2Page - Vishay Siliconix VLMS30 Datasheet HTML 3Page - Vishay Siliconix VLMS30 Datasheet HTML 4Page - Vishay Siliconix VLMS30 Datasheet HTML 5Page - Vishay Siliconix VLMS30 Datasheet HTML 6Page - Vishay Siliconix VLMS30 Datasheet HTML 7Page - Vishay Siliconix VLMS30 Datasheet HTML 8Page - Vishay Siliconix VLMS30 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VLMO30.., VLMS30.., VLMY30..
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 23-Sep-2021
2
Document Number: 81322
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Not for new designs
Note
(1) Driving the LED in reverse direction is suitable for short term application
VLMO30K1L2-GS08 (1)
Orange
7.1
15
18
2
600
605
609
2
-
1.8
2.2
2
AlInGaP
VLMO30K1L2-GS18 (1)
Orange
7.1
15
18
2
600
605
609
2
-
1.8
2.2
2
AlInGaP
VLMO30L1M2-GS08
Orange
11.2
16.5
28
2
600
605
609
2
-
1.8
2.2
2
AlInGaP
VLMO30L1M2-GS18
Orange
11.2
16.5
28
2
600
605
609
2
-
1.8
2.2
2
AlInGaP
VLMO30K1M2-GS08
Orange
7.1
16
28
2
600
605
609
2
-
1.8
2.2
2
AlInGaP
VLMO30K1M2-GS18 (1)
Orange
7.1
16
28
2
600
605
609
2
-
1.8
2.2
2
AlInGaP
VLMY3000-GS08
Yellow
4.5
11.6
-
2
581
587
594
2
-
1.8
2.2
2
AlInGaP
VLMY3000-GS18 (1)
Yellow
4.5
11.6
-
2
581
587
594
2
-
1.8
2.2
2
AlInGaP
VLMY3001-GS08
Yellow
7.1
11.8
18
2
581
587
594
2
-
1.8
2.2
2
AlInGaP
VLMY3001-GS18
Yellow
7.1
11.8
18
2
581
587
594
2
-
1.8
2.2
2
AlInGaP
VLMY30J2L1-GS08
Yellow
5.6
10.6
14
2
581
587
594
2
-
1.8
2.2
2
AlInGaP
VLMY30J2L1-GS18 (1)
Yellow
5.6
10.6
14
2
581
587
594
2
-
1.8
2.2
2
AlInGaP
VLMY30K2M1-GS08
Yellow
9
12.3
22.4
2
581
587
594
2
-
1.8
2.2
2
AlInGaP
VLMY30K2M1-GS18 (1)
Yellow
9
12.3
22.4
2
581
587
594
2
-
1.8
2.2
2
AlInGaP
VLMY30J2M1-GS08
Yellow
5.6
11.6
22.4
2
581
587
594
2
-
1.8
2.2
2
AlInGaP
VLMY30J2M1-GS18 (1)
Yellow
5.6
11.6
22.4
2
581
587
594
2
-
1.8
2.2
2
AlInGaP
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLM30..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
6V
DC forward current
IF
15
mA
Surge forward current
tp
≤ 10 μs
IFSM
0.1
A
Power dissipation
PV
40
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-40 to +100
°C
Thermal resistance junction to ambient
Mounted on PC board (pad size > 16 mm2)RthJA
400
K/W
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP. MAX.
MIN.
TYP. MAX.
MIN.
TYP. MAX.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com