Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2432BSDFHIALVR Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # AM2432BSDFHIALVR
Description  AM243x Sitara??Microcontrollers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2432BSDFHIALVR Datasheet(HTML) 71 Page - Texas Instruments

Back Button AM2432BSDFHIALVR Datasheet HTML 67Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 68Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 69Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 70Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 71Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 72Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 73Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 74Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 242 page
background image
Table 6-40. GPIO1 Signal Descriptions (continued)
Signal Name [1]
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
GPIO1_78
IO
General Purpose Input/Output
C20
C16
GPIO1_79
IO
General Purpose Input/Output
E19
B19
(1)
This GPIO1 signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and
Signals for additional details.
MCU Domain Instances
Table 6-41. MCU_GPIO0 Signal Descriptions
Signal Name [1]
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
MCU_GPIO0_0
IO
General Purpose Input/Output
E8
C2
MCU_GPIO0_1
IO
General Purpose Input/Output
D8
D4
MCU_GPIO0_2
IO
General Purpose Input/Output
A8
B2
MCU_GPIO0_3
IO
General Purpose Input/Output
A9
D6
MCU_GPIO0_4 (1)
IO
General Purpose Input/Output
B6
MCU_GPIO0_5 (1)
IO
General Purpose Input/Output
A7
MCU_GPIO0_6 (1)
IO
General Purpose Input/Output
B7
MCU_GPIO0_7 (1)
IO
General Purpose Input/Output
D7
MCU_GPIO0_8 (1)
IO
General Purpose Input/Output
C7
MCU_GPIO0_9 (1)
IO
General Purpose Input/Output
C8
MCU_GPIO0_10 (1)
IO
General Purpose Input/Output
E7
MCU_GPIO0_11 (1)
IO
General Purpose Input/Output
E6
MCU_GPIO0_12 (1)
IO
General Purpose Input/Output
C6
MCU_GPIO0_13 (1)
IO
General Purpose Input/Output
D6
MCU_GPIO0_14 (1)
IO
General Purpose Input/Output
C9
MCU_GPIO0_15 (1)
IO
General Purpose Input/Output
D9
MCU_GPIO0_16 (1)
IO
General Purpose Input/Output
B8
MCU_GPIO0_17 (1)
IO
General Purpose Input/Output
B9
MCU_GPIO0_18 (1)
IO
General Purpose Input/Output
E9
MCU_GPIO0_19 (1)
IO
General Purpose Input/Output
A10
MCU_GPIO0_20 (1)
IO
General Purpose Input/Output
A11
MCU_GPIO0_21 (1)
IO
General Purpose Input/Output
B10
MCU_GPIO0_22
IO
General Purpose Input/Output
B13
A6
(1)
This MCU_GPIO0 signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported
Interfaces and Signals for additional details.
6.3.12 GPMC
MAIN Domain Instances
Table 6-42. GPMC0 Signal Descriptions
Signal Name [1] ((2))
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
GPMC0_ADVn_ALE
O
GPMC Address Valid (active low) or Address Latch
Enable
P16
GPMC0_CLK (1)
O
GPMC clock
R17
GPMC0_DIR
O
GPMC Data Bus Signal Direction Control
N17
GPMC0_OEn_REn
O
GPMC Output Enable (active low) or Read Enable
(active low)
R18
GPMC0_WEn
O
GPMC Write Enable (active low)
T21
GPMC0_WPn
O
GPMC Flash Write Protect (active low)
N16
GPMC0_A0
OZ
GPMC Address 0 Output. Only used to effectively
address 8-bit data non-multiplexed memories
U2, U7
G1, T2
GPMC0_A1
OZ
GPMC address 1 Output in A/D non-multiplexed mode
and Address 17 in A/D multiplexed mode
AA2, V7
K2, Y4
www.ti.com
AM2434, AM2432, AM2431
SPRSP65C – APRIL 2021 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com