Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434BSDFHIALVR Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # AM2434BSDFHIALVR
Description  AM243x Sitara??Microcontrollers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434BSDFHIALVR Datasheet(HTML) 72 Page - Texas Instruments

Back Button AM2434BSDFHIALVR Datasheet HTML 68Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 69Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 70Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 71Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 72Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 73Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 74Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 75Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 242 page
background image
Table 6-42. GPMC0 Signal Descriptions (continued)
Signal Name [1] ((2))
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
GPMC0_A2
OZ
GPMC address 2 Output in A/D non-multiplexed mode
and Address 18 in A/D multiplexed mode
T2, W7
H5, U3
GPMC0_A3
OZ
GPMC address 3 Output in A/D non-multiplexed mode
and Address 19 in A/D multiplexed mode
V4, W11
AA10, N2
GPMC0_A4
OZ
GPMC address 4 Output in A/D non-multiplexed mode
and Address 20 in A/D multiplexed mode
U4, V11
N3, Y10
GPMC0_A5
OZ
GPMC address 5 Output in A/D non-multiplexed mode
and Address 21 in A/D multiplexed mode
AA12, V1
K4, Y11
GPMC0_A6
OZ
GPMC address 6 Output in A/D non-multiplexed mode
and Address 22 in A/D multiplexed mode
W1, Y12
G2, V12
GPMC0_A7
OZ
GPMC address 7 Output in A/D non-multiplexed mode
and Address 23 in A/D multiplexed mode
W12, Y4
P2, Y12
GPMC0_A8
OZ
GPMC address 8 Output in A/D non-multiplexed mode
and Address 24 in A/D multiplexed mode
AA13, T6
AA11, T4
GPMC0_A9
OZ
GPMC address 9 Output in A/D non-multiplexed mode
and Address 25 in A/D multiplexed mode
U11, U6
R5, V10
GPMC0_A10
OZ
GPMC address 10 Output in A/D non-multiplexed mode
and Address 26 in A/D multiplexed mode
U5, V15
M4, Y14
GPMC0_A11
OZ
GPMC address 11 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
AA4, U12
T3, W11
GPMC0_A12
OZ
GPMC address 12 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
P2, V14
E4, Y16
GPMC0_A13
OZ
GPMC address 13 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
P3, W14
D2, U13
GPMC0_A14
OZ
GPMC address 14 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
AA10, AA3
K1, Y6
GPMC0_A15
OZ
GPMC address 15 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
R6, V10
AA8, N1
GPMC0_A16
OZ
GPMC address 16 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
T5, U10
N4, Y9
GPMC0_A17
OZ
GPMC address 17 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
AA11, U1
E1, W9
GPMC0_A18
OZ
GPMC address 18 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
T4, Y11
L2, V9
GPMC0_A19
OZ
GPMC address 19 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
R5, Y10
F5, Y8
GPMC0_A20
OZ
GPMC address 20 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
R21
GPMC0_A21
OZ
GPMC address 21 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
Y18
GPMC0_A22
OZ
GPMC address 22 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
N16
GPMC0_AD0
IO
GPMC Data 0 Input/Output in A/D non-multiplexed mode
and additionally Address 1 Output in A/D multiplexed
mode
T20
R21
GPMC0_AD1
IO
GPMC Data 1 Input/Output in A/D non-multiplexed mode
and additionally Address 2 Output in A/D multiplexed
mode
U21
R20
GPMC0_AD2
IO
GPMC Data 2 Input/Output in A/D non-multiplexed mode
and additionally Address 3 Output in A/D multiplexed
mode
T18
T19
GPMC0_AD3
IO
GPMC Data 3 Input/Output in A/D non-multiplexed mode
and additionally Address 4 Output in A/D multiplexed
mode
U20
V21
GPMC0_AD4
IO
GPMC Data 4 Input/Output in A/D non-multiplexed mode
and additionally Address 5 Output in A/D multiplexed
mode
U18
U21
GPMC0_AD5
IO
GPMC Data 5 Input/Output in A/D non-multiplexed mode
and additionally Address 6 Output in A/D multiplexed
mode
U19
T20
AM2434, AM2432, AM2431
SPRSP65C – APRIL 2021 – REVISED MARCH 2022
www.ti.com
72
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com