Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP00ZP Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BSP00ZP
Description  Pressure Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BSP00ZP Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BSP00ZP Datasheet HTML 1Page - Balluff Korea Ltd. BSP00ZP Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pressure Sensors
BSP M250-ZT009-P00S2B-S4-006
Order Code: BSP00ZP
Internet
www.balluff.com
eCl@ss 9.1: 27-20-13-02
Subject to change without notice: 266124
ETIM 6.0: EC000243
BSP00ZP_0.57_2021-08-31
2 / 2
Material
Connector housing, material
1.4301 stainless steel
Housing material
1.4301 stainless steel
PE, High-density polyethylene
Measuring cell, material
1.4435 stainless steel
Process connection material
1.4404 stainless steel
Transmission medium
Food grade oil
Mechanical data
Process connection
1 1/2" Tri Clamp
Weight
350.00 g
Range/Distance
Accuracy
±0.5 % FSO BFSL
Burst pressure
1.5 bar
Long-term stability max.
0.15 % FSO/year
Measuring range
0...0.25 bar
Overload pressure
1 bar
Repeat accuracy
≤ ± 0.2 % FSO
Resolution
≤ 14 bits
Response time max.
13 ms
Sampling rate
1 ms
Remarks
vacuum-tight
3.1 Acceptance test certificate per EN 10204
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams
Out 1=PNP/NPN/IO-Link
Out 2=PNP/NPN/4…20 mA/0…10 V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com