Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3140 Datasheet(PDF) 13 Page - Microchip Technology

Part # MGC3140
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MGC3140 Datasheet HTML 9Page - Microchip Technology MGC3140 Datasheet HTML 10Page - Microchip Technology MGC3140 Datasheet HTML 11Page - Microchip Technology MGC3140 Datasheet HTML 12Page - Microchip Technology MGC3140 Datasheet HTML 13Page - Microchip Technology MGC3140 Datasheet HTML 14Page - Microchip Technology MGC3140 Datasheet HTML 15Page - Microchip Technology MGC3140 Datasheet HTML 16Page - Microchip Technology MGC3140 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
The Status flags that can trigger one of these gestures are:
• Hand Presence flag is active while the user's hand is in the sensing space.
• Hand Inside flag is active while the user's hand is in the sensing space approximately centered above the
sensor.
• Hand Hold flag is active while the hand is not moving and one of the above Status flags is active, the selection
depends on ActiveOutside.
The behavior of the Status flags and corresponding gestures can be adjusted to suit a specific application. The
Gesture and Presence/Hold state visualization windows offer immediate feedback upon adjustment.
The adjustable parameters are:
1.
ActiveOutside
– Chooses if Hand Hold flag and Presence gesture can be active when the user is outside the sensor, but
still in sensing space.
• ActiveOutside checked (default) means that Hand Presence is required to set Hand Hold and that
Presence Duration starts counting on the rising edge of Hand Presence Status flag;
• ActiveOutside unchecked means that Hand Inside is required to set Hand Hold and that Presence
Duration starts counting on the rising edge of Hand Inside Status flag.
2.
Presence Duration
– This is the time during which the selected Status flag must be active to trigger a Presence gesture. This
time starts counting on the last rising edge of the selected Status flag. The gesture is only triggered once
for each rising edge of the flag.
3.
Hold Duration
– This is the time during which the Holding Hand flag must be active to trigger a Hold gesture. This time
starts counting on the last rising edge of the Holding Hand flag. The gesture is only triggered once for
each rising edge of the flag.
4.
Hold Tremble Threshold
– This value specifies how much the hand can move and still be considered as holding. For high values,
the hand can move while the Hand Hold flag is still high. For low values, only a slight movement is
necessary to clear the Hand Hold flag.
Sensor Touch Gestures
Figure 4-4. Sensor Touch
A Sensor Touch is a multi-zone gesture that reports up to five concurrently-performed touches on the system’s
electrodes.
The Sensor Touch provides information about touch and tapping:
1.
The Sensor Touch indicates an event during which a GestIC electrode is touched. This allows distinction
between short and long touches.
2.
The Tap and Double Tap signalize short taps and double taps on each system electrode. The tap length and
double tap interval are adjustable.
– Single Tap Delay: A single tap is detected when touching the surface of an electrode first and after the
hand is pulled out of the touch area. The Single Tap is only detected when the timing between the touch
and the release of the touch event is smaller than the adjusted delay. Increasing the time allows the user
more time to perform the tap. The range for the adjusted delay can range between 0s and 1s.
MGC3140
Feature Description
© 2018-2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Datasheet
DS40002037C-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com