Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8804Z Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8804Z
Description  High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8804Z Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8804Z Datasheet HTML 1Page - Maxim Integrated Products MAX8804Z Datasheet HTML 2Page - Maxim Integrated Products MAX8804Z Datasheet HTML 3Page - Maxim Integrated Products MAX8804Z Datasheet HTML 4Page - Maxim Integrated Products MAX8804Z Datasheet HTML 5Page - Maxim Integrated Products MAX8804Z Datasheet HTML 6Page - Maxim Integrated Products MAX8804Z Datasheet HTML 7Page - Maxim Integrated Products MAX8804Z Datasheet HTML 8Page - Maxim Integrated Products MAX8804Z Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
High-Voltage, Dual-Input, USB/AC
Adapter Chargers in 2mm x 3mm TDFN
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
((VDC = 5V, VSET = 0V) or (VUSB = 5V, VSET = 5V), VBAT = unconnected, VDETBAT = 0V (MAX8804V/MAX8804W), TA = -40°C to
+85°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CHG
VDC = 0V, VUSB = 5V
60
80
100
Default, 4th, 8th,
12th, 16th, 20th,
24th, 28th interface
pulse
60
80
100
1st, 5th, 9th, 13th,
17th, 21st, 25th
interface pulse
67.5
90
112.5
2nd, 6th, 10th,
14th, 18th, 22nd,
26th interface pulse
75
100
125
CHG Top-Off Threshold
(MAX8804W/MAX8804Y/
MAX8804Z)
IBAT falling, battery is
charged, rising edge
on SET
VDC = 5V,
VUSB = 0V
3rd, 7th, 11th, 15th,
19th, 23rd, 27th
interface pulse
52.7
70
87.5
mA
VDC = 0V, VUSB = 5V
60
80
100
Default, 4th, 8th,
12th, 16th, 20th,
24th, 28th interface
pulse
90
120
150
1st, 5th, 9th, 13th,
17th, 21st, 25th
interface pulse
105
140
175
2nd, 6th, 10th,
14th, 18th, 22nd,
26th interface pulse
135
180
225
CHG Top-Off Threshold
(MAX8804V)
IBAT falling, battery is
charged, rising edge
on SET
VDC = 5V,
VUSB = 0V
3rd, 7th, 11th, 15th,
19th, 23rd, 27th
interface pulse
150
200
250
mA
DC mode
57
CHG Hysteresis
IBAT rising after top-off
is detected (Note 4)
USB mode
51
mA
CHG Detection Delay
IBAT falls below top-off threshold
3
4
5
ms
THERMAL LOOP
Thermal-Regulation Set Point
Junction temperature when the charge current is reduced,
TJ rising
+105
°C
DC charging
-40
Thermal-Regulation Gain
Reduction of IBAT for
increase of TJ
USB charging
-24
mA/
°C
Note 1: Devices are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design
and characterization.
Note 2: VIN refers to the input for the IC. For the MAX8804V/MAX8804W/MAX8804Y/MAX8804Z, VIN is VDC with VUSB = 0V or VUSB
with VDC = 0V.
Note 3: Guaranteed by undervoltage and overvoltage threshold testing. For charge completion, the input voltage must be greater
than 4.28V.
Note 4: This hysteresis is for all charge current except 95mA. In the case of 95mA charge current, voltage-mode to current-mode
detection gives indication of charge mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com