Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNG997CKB Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LNG997CKB
Description  3.0 mm Blue Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LNG997CKB Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LNG997CKB Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unit: mm
1: Anode
2: Cathode
107
Round Type
φ 3.0 mm Blue Series
LNG997CKB
s Absolute Maximum Ratings (T
a = 25°C)
Blue
PD(mW)
120
IF(mA)
30
IFP(mA)∗
100
VR(V)
5
Topr(°C)
−25 ∼ +80
Tstg(°C)
−30 ∼ +100
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Lighting
Color
Lens Color
IO
VF
Typ
Min
Typ
IF
Max
Typ
Typ
IF
Max
VR
λ
P
∆λ
IR
△
LNG997CKB
Unit
Blue
−
Clear
−
350
−
20
3.5
4.0
470
30
20
10
5
mcd
mcd
mA
V
V
nm
nm
mA
µAV
△は暫定規格を示す。
△ Tentative Specification
Lighting Color
Conventional Part No.
Global Prat No.
Lighting Color
LNG997CKB ············ LNG997CKB ·············· Blue
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
2.54
2
− 0.45 ± 0.1
R 0.3
φ 3.8 ± 0.2
φ 3.6 ± 0.2
φ 3.0 ± 0.2
0.45
± 0.1
1.5
12
2
− 0.7 Max
IO Ta
500
300
30
50
100
10
0
−20
80
100
60
40
20
2.0
3.0
4.0
6.0
5.0
3
1
5
10
50
100
30
100
50
30
5
3
10
1
1000
500
50
100
10
Directive Characteristics
IF VF
20
°
30
°
40
°
50
°
10
°
0
°
60
°
70
°
80
°
90
°
90
°
80
°
20
°
30
°
40
°
50
°
10
°
60
°
70
°
80
°
20
°
40
°
60
°
0
20
20
10
0
30
40
50
40
60
80
100
100
300
400
500
600
0
20
40
60
80
100
20
40
60
80
100
80
60
40
20
0
IF Ta
Relative Luminous Intensity
Wavelength Characteristics
Wavelength
Ambient Temperature
Relative Luminous Intensity
IO IF
Forward Current
Forward Voltage
Ambient Temperature


Similar Part No. - LNG997CKB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNG992CFB PANASONIC-LNG992CFB Datasheet
29Kb / 1P
5.0 mm Blue Series
LNG992CFB PANASONIC-LNG992CFB Datasheet
339Kb / 3P
Light Emitting Diodes
LNG992CFB PANASONIC-LNG992CFB_13 Datasheet
339Kb / 3P
Light Emitting Diodes
LNG998CKB PANASONIC-LNG998CKB Datasheet
29Kb / 1P
3.0 mm Blue Series
More results

Similar Description - LNG997CKB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN216RPH PANASONIC-LN216RPH Datasheet
32Kb / 1P
3.0 mm X 7.0 mm Series
LNG897CK8 PANASONIC-LNG897CK8 Datasheet
30Kb / 1P
3.0 mm InGaAIP
LNG898CK8 PANASONIC-LNG898CK8 Datasheet
30Kb / 1P
3.0 mm InGaAIP
LNG998CKB PANASONIC-LNG998CKB Datasheet
29Kb / 1P
3.0 mm Blue Series
LNW497CK4 PANASONIC-LNW497CK4 Datasheet
29Kb / 1P
3.0 mm InGaAIP
LNW498CK4 PANASONIC-LNW498CK4 Datasheet
29Kb / 1P
3.0 mm InGaAIP
LN28RPP PANASONIC-LN28RPP Datasheet
42Kb / 2P
Round Type 3.0 mm Series
LN38GPP PANASONIC-LN38GPP Datasheet
49Kb / 2P
pi 3.0 mm Series
LN48YPP PANASONIC-LN48YPP Datasheet
49Kb / 2P
3.0 mm Series
LN216RPH PANASONIC-LN216RPH_08 Datasheet
316Kb / 3P
3.0 mm 횞 7.0 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com