Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLWR9933 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLWR9933
Description  TELUX LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLWR9933 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLWR9933 Datasheet HTML 1Page - Vishay Siliconix VLWR9933 Datasheet HTML 2Page - Vishay Siliconix VLWR9933 Datasheet HTML 3Page - Vishay Siliconix VLWR9933 Datasheet HTML 4Page - Vishay Siliconix VLWR9933 Datasheet HTML 5Page - Vishay Siliconix VLWR9933 Datasheet HTML 6Page - Vishay Siliconix VLWR9933 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VLWR9930, VLWR9931, VLWR9932, VLWR9933
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 24-Sep-2021
2
Document Number: 81817
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Driving the LED in reverse direction is suitable for a short term application
Note
(1) Not for new designs
Note
• Voltages are tested at a current pulse duration of 1 ms
Note
• Wavelengths are tested at a current pulse duration of 25 ms and
an accuracy of ± 1 nm
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLWR9930, VLWR9931, VLWR9932, VLWR9933
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
IR = 100 μA
VR
10
V
DC forward current
Tamb
≤ 85 °C
IF
70
mA
Surge forward current
tp
≤ 10 μs
IFSM
0.1
A
Power dissipation
PV
212
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
-40 to +110
°C
Storage temperature range
Tstg
-40 to +110
°C
Soldering temperature
t
≤ 5 s, 1.5 mm from body preheat
temperature 100 °C / 30 s
Tsd
260
°C
Thermal resistance junction to ambient
With cathode heatsink of 70 mm2
RthJA
200
K/W
Thermal resistance junction to pin
RthJP
90
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLWR9930, VLWR9931, VLWR9932, VLWR9933, RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Total flux
IF = 70 mA, RthJA = 200 K/W
VLWR9930
φV
4000
8500
12 200
mlm
VLWR9931 (1)
φV
5000
8500
12 200
mlm
VLWR9932
φV
6000
9000
12 200
mlm
VLWR9933
φV
7000
9500
12 200
mlm
Luminous intensity/total flux
IF = 70 mA, RthJA = 200 K/W
IV/
φV
-0.7
-
mcd/mlm
Dominant wavelength
IF = 70 mA, RthJA = 200 K/W
λd
611
616
634
nm
Peak wavelength
IF = 70 mA, RthJA = 200 K/W
λp
-
624
-
nm
Angle of half intensity
IF = 70 mA, RthJA = 200 K/W
ϕ
-± 45
-
°
Total included angle
90 % of total flux captured
ϕ0.9V
-
100
-
°
Forward voltage
IF = 70 mA, RthJA = 200 K/W
VLWR9930
VF
1.83
2.2
3.03
V
VLWR9931 (1)
VF
1.83
2.2
3.03
V
VLWR9932
VF
1.95
2.2
2.67
V
VLWR9933
VF
1.95
2.2
2.67
V
Reverse voltage
VR
10
20
-
V
Temperature coefficient <
λd
IF = 70 mA
TC
λd
-
0.065
-
nm/K
Temperature coefficient VF
IF = 70 mA, T > -25 °C
TCVF
--2
-
mV/K
FORWARD VOLTAGE CLASSIFICATION
GROUP
FORWARD VOLTAGE (V)
MIN.
MAX.
Y
1.83
2.07
Z
1.95
2.19
0
2.07
2.31
1
2.19
2.43
2
2.31
2.55
3
2.43
2.67
4
2.55
2.79
5
2.67
2.91
6
2.79
3.03
COLOR CLASSIFICATION
GROUP
DOM. WAVELENGTH (nm)
MIN.
MAX.
1
611
618
2
614
622
3
616
634



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com