Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC5604BAMLL4R Datasheet(PDF) 100 Page - NXP Semiconductors

Part # PPC5604BAMLL4R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC5604BAMLL4R Datasheet(HTML) 100 Page - NXP Semiconductors

Back Button PPC5604BAMLL4R Datasheet HTML 96Page - NXP Semiconductors PPC5604BAMLL4R Datasheet HTML 97Page - NXP Semiconductors PPC5604BAMLL4R Datasheet HTML 98Page - NXP Semiconductors PPC5604BAMLL4R Datasheet HTML 99Page - NXP Semiconductors PPC5604BAMLL4R Datasheet HTML 100Page - NXP Semiconductors PPC5604BAMLL4R Datasheet HTML 101Page - NXP Semiconductors PPC5604BAMLL4R Datasheet HTML 102Page - NXP Semiconductors PPC5604BAMLL4R Datasheet HTML 103Page - NXP Semiconductors PPC5604BAMLL4R Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 15
Document revision history
NXP Semiconductors
100
2
06-Mar-2009 Made minor editing and formatting changes to improve readability
Harmonized oscillator naming throughout document
Features:
—Replaced 32 KB with 48 KB as max SRAM size
—Updated description of INTC
—Changed max number of GPIO pins from 121 to 123
Updated Section 1.2, Description
Updated Table 3
Added Section 2, Block diagram
Section 3, Package pinouts and signal descriptions: Removed signal descriptions (these
are found in the device reference manual)
Updated Figure 5:
—Replaced VPP with VSS_HV on pin 18
—Added MA[1] as AF3 for PC[10] (pin 28)
—Added MA[0] as AF2 for PC[3] (pin 116)
—Changed description for pin 120 to PH[10] / GPIO[122] / TMS
—Changed description for pin 127 to PH[9] / GPIO[121] / TCK
—Replaced NMI[0] with NMI on pin 11
Updated Figure 4:
—Replaced VPP with VSS_HV on pin 14
—Added MA[1] as AF3 for PC[10] (pin 22)
—Added MA[0] as AF2 for PC[3] (pin 77)
—Changed description for pin 81 to PH[10] / GPIO[122] / TMS
—Changed description for pin 88 to PH[9] / GPIO[121] / TCK
—Removed E1UC[19] from pin 76
—Replaced [11] with WKUP[11] for PB[3] (pin 1)
—Replaced NMI[0] with NMI on pin 7
Updated Figure 6:
—Changed description for ball B8 from TCK to PH[9]
—Changed description for ball B9 from TMS to PH[10]
—Updated descriptions for balls R9 and T9
Added 2.10, Parameter classification and tagged parameters in tables where appropriate
Added 2.11, NVUSRO register
Updated Table 11
2.13, Recommended operating conditions: Added note on RAM data retention to end of
section
Updated Table 12 and Table 13
Added 2.14.1, Package thermal characteristics
Updated 2.14.2, Power considerations
Updated Figure 7
Table 49. Revision history (continued)
Revision
Date
Description of Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com