Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DADE-MVC-010 Datasheet(PDF) 1 Page - Festo Corporation.

Part # DADE-MVC-010
Description  Measured-value transducer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

DADE-MVC-010 Datasheet(HTML) 1 Page - Festo Corporation.

  DADE-MVC-010 Datasheet HTML 1Page - Festo Corporation. DADE-MVC-010 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Measured-value transducer
DADE-MVC-010
Part number: 542117
Data sheet
Feature
Value
Diagnostic function
Indication via LED
Mounting position
Any
Short-circuit protection
yes
Reverse polarity protection
for PLC plug S1
Repetition accuracy
Min. ±0.1 mm
Analog output
0 - 10 V
as per EN 61131-2
Power supply requirement
PELV
Debounce time at inputs
3 ms
Nominal operating voltage DC
24 V
Power failure buffering of logic voltage
10 ms
Residual ripple
4 Vss
Current consumption at nominal operating voltage
20 mA ... 30 mA
Permissible voltage fluctuations
+/- 25 %
Certification
RCM compliance mark
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
Corrosion resistance class (CRC)
1 - Low corrosion stress
Storage temperature
-20 °C ... 70 °C
Relative air humidity
95 %
Non-condensing
Degree of protection
IP65
IP67
Ambient temperature
0 °C ... 55 °C
Product weight
128 g
Linearity error FS
0.2 %
Characteristic curve outputs
as per EN 61131-2
Input characteristics
as per EN 61131-2
Input switching logic
PNP (positive switching)
Switching logic at outputs
PNP (positive switching)
Electrical connection, displacement encoder
M12
Socket
8-pin
Electrical connection PLC
M12
Plug
8-pin
Type of mounting
With through-hole
4/20/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - DADE-MVC-010

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DADE-MVC-420 FESTO-DADE-MVC-420 Datasheet
76Kb / 2P
Measured-value transducer
4/20/22
More results

Similar Description - DADE-MVC-010

ManufacturerPart #DatasheetDescription
logo
LEM
CV3-1000 LEM-CV3-1000 Datasheet
716Kb / 3P
Voltage Transducer
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
Current Transducer
logo
Alpha & Omega Semicondu...
SOT-23-5LLP AOSMD-SOT-23-5LLP Datasheet
214Kb / 1P
DIMENSION "L" IS MEASURED IN GAUGE PLANE
TO252 AOSMD-TO252 Datasheet
20Kb / 1P
DIMENSION L IS MEASURED IN GAUGE PLANE
TO263 AOSMD-TO263 Datasheet
110Kb / 1P
Dimension L is Measured in gaguge line
logo
List of Unclassifed Man...
878 ETC2-878 Datasheet
1Mb / 8P
Simultaneously displays measured value and Q or dissipation factor
logo
PHOENIX CONTACT
2702496 PHOENIX-2702496 Datasheet
91Kb / 4P
The measured values are depicted in standardized representation format.
logo
List of Unclassifed Man...
FX-888D ETC1-FX-888D Datasheet
2Mb / 15P
The temperature was measured using the FG-100 thermometer.
logo
Festo Corporation.
542118 FESTO-542118 Datasheet
76Kb / 2P
Measured-value transducer
4/20/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com