Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I103H Datasheet(PDF) 8 Page - Interpion semiconductor

Part # I103H
Description  Voltage and Current Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

I103H Datasheet(HTML) 8 Page - Interpion semiconductor

Back Button I103H Datasheet HTML 3Page - Interpion semiconductor I103H Datasheet HTML 4Page - Interpion semiconductor I103H Datasheet HTML 5Page - Interpion semiconductor I103H Datasheet HTML 6Page - Interpion semiconductor I103H Datasheet HTML 7Page - Interpion semiconductor I103H Datasheet HTML 8Page - Interpion semiconductor I103H Datasheet HTML 9Page - Interpion semiconductor I103H Datasheet HTML 10Page - Interpion semiconductor I103H Datasheet HTML 11Page - Interpion semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IP103H
Dec. 2002
- 8 -
WWW.INTERPIONSEMI.COM
Voltage and Current Controller
Fig.5 : OP AMP Source Current vs. Output Voltage
0
5
10
15
20
25
0
5
10
15
OP AMP Source Current vs. Output Voltage
VCC=15V, VEE=0V
Source Current (mA)
Fig.6 : OP AMP Sink Current vs. Output Voltage
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
OP AMP Sink Current vs. Output Voltage
Sink Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com