Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1117 Datasheet(PDF) 1 Page - Interpion semiconductor

Part # IP1117
Description  LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP1117 Datasheet(HTML) 1 Page - Interpion semiconductor

  IP1117 Datasheet HTML 1Page - Interpion semiconductor IP1117 Datasheet HTML 2Page - Interpion semiconductor IP1117 Datasheet HTML 3Page - Interpion semiconductor IP1117 Datasheet HTML 4Page - Interpion semiconductor IP1117 Datasheet HTML 5Page - Interpion semiconductor IP1117 Datasheet HTML 6Page - Interpion semiconductor IP1117 Datasheet HTML 7Page - Interpion semiconductor IP1117 Datasheet HTML 8Page - Interpion semiconductor IP1117 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
- 1 -
Jan. 2005 (Rev.5)
www.interpionsemi.com
IP1117/IP1117-18/IP1117-25/IP1117-33/IP1117-50
LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
The IP1117 is a series of low dropout voltage regula-
tors which can provide up to 1.0A of output current.
The IP1117 is available in four fixed voltages,
1.8V,2.5V,3.3V and 5.0V. In addition, it is also avail-
able in adjustable version. On chip precision trimming
adjusts the reference/output voltage to within ±2%.
Current limit is also trimmed to ensure specified out-
put current and controlled short-circuit current
The IP1117 series is available in SOT-223 power
packages.
- Adjustable and Fixed of 1.8V, 2.5V, 3.3V,5.0V
- Space saving SMD types of SOT-223
- 1.0A Output Current capability
- 1.1V drop-out voltage
- Foldback current limiting
- Thermal protection
- Over current protection
DESCRIPTION
FEATURES
Device
Package
Operating Temp
IP1117/
IP1117L
SOT-223
IP1117-18/
IP1117L-18
SOT-223
IP1117-25/
IP1117L-25
SOT-223
IP1117-33/
IP1117L-33
SOT-223
IP1117-50/
IP1117L-50
SOT-223
-35OC ~ +125OC
ORDERING INFORMATION
SOT-223
- Post Regulator for Switching DC/DC Converter
- CD Media
- Battery Charger
- Battery Powered Equipments
APPLICATIONS
TYPICAL APPLICATION CIRCUITS
L means Lead-free


Similar Part No. - IP1117

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IP11 BEL-IP11 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
logo
List of Unclassifed Man...
IP113ALF ETC2-IP113ALF Datasheet
270Kb / 22P
10 /100Base-Tx/Fx Media Converter
IP113ALF-DS-R01 ETC2-IP113ALF-DS-R01 Datasheet
270Kb / 22P
10 /100Base-Tx/Fx Media Converter
IP113ALF-DS-R02 ETC2-IP113ALF-DS-R02 Datasheet
270Kb / 22P
10 /100Base-Tx/Fx Media Converter
IP113ALF-DS-R03 ETC2-IP113ALF-DS-R03 Datasheet
270Kb / 22P
10 /100Base-Tx/Fx Media Converter
More results

Similar Description - IP1117

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
220Kb / 12P
1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
logo
Kyocera Kinseki Corpota...
KC5032A-CM KSS-KC5032A-CM Datasheet
149Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V, 5.0V/ 5.0횞3.2mm
logo
Richtek Technology Corp...
RT8008-12GB RICHTEK-RT8008-12GB Datasheet
388Kb / 14P
1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
logo
Anpec Electronics Corop...
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com