Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAS24BB Datasheet(PDF) 2 Page - Schneider Electric

Part # CAS24BB
Description  Telescopic axis, Lexium CAS, model range 2, profile size 120 x 95 mm, toothed belt, double ball guide
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

CAS24BB Datasheet(HTML) 2 Page - Schneider Electric

  CAS24BB Datasheet HTML 1Page - Schneider Electric CAS24BB Datasheet HTML 2Page - Schneider Electric CAS24BB Datasheet HTML 3Page - Schneider Electric CAS24BB Datasheet HTML 4Page - Schneider Electric CAS24BB Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Product data sheet
Dimensions Drawings
CAS24BB
Size Characteristics
(2)
LC: length of carriage
(3)
X: stroke depending on application
(4)
LP: total length of axis
mm
= 60 + LC + (X / 2)
= 60 + LC + (X / 2)
LP
in.
= 2.36 + LC + (X / 0.08)
= 2.36 + LC + (X / 0.08)
Carriage type 1
mm
320
LC
in.
12.60
mm
320
P
in.
12.60
Carriage type 2
mm
400
LC
in.
15.75
mm
400
P
in.
15.75
2
Apr 20, 2022



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com