Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1520 Datasheet(PDF) 1 Page - Interpion semiconductor

Part # IP1520
Description  DUAL OUTPUT VOLTAGE SERIES REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP1520 Datasheet(HTML) 1 Page - Interpion semiconductor

  IP1520 Datasheet HTML 1Page - Interpion semiconductor IP1520 Datasheet HTML 2Page - Interpion semiconductor IP1520 Datasheet HTML 3Page - Interpion semiconductor IP1520 Datasheet HTML 4Page - Interpion semiconductor IP1520 Datasheet HTML 5Page - Interpion semiconductor IP1520 Datasheet HTML 6Page - Interpion semiconductor IP1520 Datasheet HTML 7Page - Interpion semiconductor IP1520 Datasheet HTML 8Page - Interpion semiconductor IP1520 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
August. 2002 (Rev.0)
- 1 -
IP1520
DUAL OUTPUT VOLTAGE SERIES REGULATOR
WWW.INTERPIONSEMI.COM
The IP1520 is a dual output voltage series
regulator
which can provide up to 600mA of output current.
The IP1520 consists of 1-fixed 3.3V and 1-fixed 2.55V
regulators.
- 1-Fixed 3.3V Regulator with Internal NPN TR.
- 1-Fixed 2.55V Regulator with Internal NPN TR.
- Built-in TSD circuit.
- Built-in Current Limit Circuit.
- Built-in ON/OFF Control Circuit.
- Built-in Over Voltage Protection Circuit.
- Output Trimmed to +/-3% Tolerance
DESCRIPTION
FEATURES
Device
Package
Operating Temp
IP1520
14SOPH-8L
-35OC ~ +85OC
ORDERING INFORMATION
14SOPH-8L
BLOCK DIAGRAM
N/C
VIN
VOUT1
ON/OFF
PGND
VOUT2
1
2
6
4
5
3
N/C
7
PGND
Vref
ON/OFF
Control SW
TSD
OVP
OCL
N/C
SHUT
DOWN


Similar Part No. - IP1520

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
IP1521 INTERPION-IP1521 Datasheet
353Kb / 14P
DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1522 INTERPION-IP1522 Datasheet
353Kb / 14P
DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1523 INTERPION-IP1523 Datasheet
140Kb / 14P
DUAL OUTPUT VOLTAGE SERIES REGULATOR
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
REGULATING PULSE WIDTH MODULATORS
logo
Interpion semiconductor
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
DUAL OUTPUT VOLTAGE LDO REGULATOR
More results

Similar Description - IP1520

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7090 NTE-NTE7090 Datasheet
20Kb / 2P
Variable Output Voltage Regulator (Dual Tracking Type)
logo
Rohm
BA3960 ROHM-BA3960 Datasheet
82Kb / 5P
Dual circuit, variable output voltage regulator
BA44W12SAT ROHM-BA44W12SAT Datasheet
109Kb / 9P
Dual output voltage regulator with power saving
BA41W12ST ROHM-BA41W12ST Datasheet
120Kb / 9P
Dual output voltage regulator with power saving
logo
Interpion semiconductor
IP1521 INTERPION-IP1521 Datasheet
353Kb / 14P
DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1522 INTERPION-IP1522 Datasheet
353Kb / 14P
DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1523 INTERPION-IP1523 Datasheet
140Kb / 14P
DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1525 INTERPION-IP1525 Datasheet
219Kb / 11P
DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1621 INTERPION-IP1621 Datasheet
364Kb / 15P
DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com