Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB1545L Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SB1545L
Description  15.0 A SUPER BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SB1545L Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SB1545L_V01 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SB1545L_V01 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Case:TO-277B Molded Plastic "Green" Molding Compound
Weight: 0.093 grams (approx.)
Lead Free: For RoHS/Lead Free Version
15.0 A SUPER BARRIER RECTIFIER
Features
Mechanical Data
!
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
1 of 2
SB1545L - SB15200L
!
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
TO-277B
0.45
0.20
1.20
1.00
6.60
6.40
1.00
0.80
1.20
1.00
3.20
2.90
0.65
0.45
5.50
5.30
1.90
1.70
4.20
3.80
1.95
1.65
3.85
3.25
Dimensions in millimeters
Excellent High Temperature Stability
High Thermal Reliability
Ultra Low Power Loss, High Efficiency
High Foward Surge Capability
High Junction Temperture
Bypass Diodes for Solar Panels
!
!
!
!
!
Patented Super Barrier Rectifier Technology
!
!
!
Schottky Barrier Chip
SB1545L - SB15200L
mmended pad layout .
2. FR-4 PCB, 2oz. Copper, minimum reco
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
3. Polymide PCB, 2oz. Copper. Cathode pad dimensions 18.8mm x 14.4mm. Anode pad dimensions 5.6mm x 14.4mm.
15
A
Unit
Characteristic
Symbol
200
A
V
110
°C/W
-55 to +150
°C
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 100°C
(Note 1)
IO
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
Forward Voltage Drop
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.3
15
mA
Typical Thermal Resistance (Note 1)
RJA
Operating and Storage Temperature Range
Tj, TSTG
V
V
I t Rating for Fusing (t< 8.3ms)
2
I t
2
166
A s
2
0.55
50
35
100
70
80
56
150
105
200
140
SB1545L
@I
F = 15 A
TA = 25°C
SB1550L
SB1560L
SB1580L
SB15100L
SB15200L
SB15150L
0.75
0.90
45
31.5
60
42


Similar Part No. - SB1545L_V01

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SB1545L CHENDA-SB1545L Datasheet
2Mb / 2P
15.0A SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SB1545L ZSELEC-SB1545L Datasheet
333Kb / 3P
15.0A SUPER BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SB1545L CHENDA-SB1545L Datasheet
753Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev:2019A0
More results

Similar Description - SB1545L_V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TB1505W ETC2-TB1505W Datasheet
243Kb / 5P
15.0 A SINGLE-PHASE BRIDGE RECTIFIER
logo
Naina Semiconductor ltd...
15SQ030 NAINA-15SQ030 Datasheet
131Kb / 2P
Schottky Barrier Rectifier, 15.0 A
logo
Zibo Seno Electronic En...
SL10T80L ZSELEC-SL10T80L Datasheet
190Kb / 2P
10.0 A SUPER BARRIER RECTIFIER
SL15T80L ZSELEC-SL15T80L Datasheet
190Kb / 2P
15.0 A SUPER BARRIER RECTIFIER
SL20T80L ZSELEC-SL20T80L Datasheet
192Kb / 2P
20.0 A SUPER BARRIER RECTIFIER
SL10T80 ZSELEC-SL10T80_V01 Datasheet
190Kb / 2P
10.0 A SUPER BARRIER RECTIFIER
SL15T80 ZSELEC-SL15T80_V01 Datasheet
190Kb / 2P
15.0 A SUPER BARRIER RECTIFIER
SL20T80 ZSELEC-SL20T80_V01 Datasheet
191Kb / 2P
20.0 A SUPER BARRIER RECTIFIER
SB20T80L ZSELEC-SB20T80L_V01 Datasheet
189Kb / 2P
20.0 A SUPER BARRIER RECTIFIER
SP1545L ZSELEC-SP1545L Datasheet
189Kb / 2P
15.0 A SUPER BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com