Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1521 Datasheet(PDF) 3 Page - Interpion semiconductor

Part # IP1521
Description  DUAL OUTPUT VOLTAGE SERIES REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP1521 Datasheet(HTML) 3 Page - Interpion semiconductor

  IP1521 Datasheet HTML 1Page - Interpion semiconductor IP1521 Datasheet HTML 2Page - Interpion semiconductor IP1521 Datasheet HTML 3Page - Interpion semiconductor IP1521 Datasheet HTML 4Page - Interpion semiconductor IP1521 Datasheet HTML 5Page - Interpion semiconductor IP1521 Datasheet HTML 6Page - Interpion semiconductor IP1521 Datasheet HTML 7Page - Interpion semiconductor IP1521 Datasheet HTML 8Page - Interpion semiconductor IP1521 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
- 3 -
August. 2002 (Rev.4)
WWW.INTERPIONSEMI.COM
IP1521
DUAL OUTPUT VOLTAGE SERIES REGULATOR
CHARACTERISTICS
SYMBOL
VALUE
UNIT
Maximum supply voltage
VINmax
10
V
ON/OFF voltage
Vonoff
10
V
Power dissipation
Pd
3.5*
W
Operating temperature
Topr
-35 ~ +85
O
C
Storage temperature
Tstr
-55 ~ +150
O
C
Maximum output current
Iomax
700
mA
Note>
1. When mounted on 100mm X 100mm X 1mm PCB (Phenolic resin material).
2. Power dissipation reduces 28mW/OC for using above Ta=25OC
3. Do not exceed Pd and SOA.
POWER DISSIPATION CURVE
Ambient Temperature (°C)
25
50
75
100
125
150
175
0
1
2
3
RECOMMENDED OPERATING CONDITIONS
CHARACTERISTICS
SYMBOL
VALUE
UNIT
Supply voltage
Vcc
4.5 ~ 6.0
V
Input voltage
Vin
4.5 ~ 6.0
V
SOA
ABSOLUTE MAXIMUM RATINGS(TA=25
OC)
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com