Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1523 Datasheet(PDF) 1 Page - Interpion semiconductor

Part # IP1523
Description  DUAL OUTPUT VOLTAGE SERIES REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP1523 Datasheet(HTML) 1 Page - Interpion semiconductor

  IP1523 Datasheet HTML 1Page - Interpion semiconductor IP1523 Datasheet HTML 2Page - Interpion semiconductor IP1523 Datasheet HTML 3Page - Interpion semiconductor IP1523 Datasheet HTML 4Page - Interpion semiconductor IP1523 Datasheet HTML 5Page - Interpion semiconductor IP1523 Datasheet HTML 6Page - Interpion semiconductor IP1523 Datasheet HTML 7Page - Interpion semiconductor IP1523 Datasheet HTML 8Page - Interpion semiconductor IP1523 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
June. 2003 (Rev.2)
- 1 -
IP1523
DUAL OUTPUT VOLTAGE SERIES REGULATOR
WWW.INTERPIONSEMI.COM
The IP1523 is a dual output voltage series regulator
with output on/off control function. The nominal output
voltages are 3.3V and 2.0V,respectively. The 3.3V
regulator can provide the output current up to 550mA.
While the 2.0V regulator can provide up to 500mA.
When the IP1523 becomes off, all the output voltages
are shut down.
- 1-Fixed 3.3V Regulator with Internal NPN TR.
- 1-Fixed 2.0V Regulator with Internal NPN TR.
- Built-in TSD circuit.
- Built-in Current Limit Circuit.
- Built-in ON/OFF Control Circuit.
- Built-in Over Voltage Protection Circuit.
- Outputs Trimmed to +/-3% Tolerance
DESCRIPTION
FEATURES
Device
Package
Operating Temp
IP1523
14SOPH-8L
-35
OC ~ +85OC
ORDERING INFORMATION
14SOPH-8L
BLOCK DIAGRAM
N/C
VIN
VOUT1
ON/OFF
PGND
VOUT2
1
2
6
4
5
3
N/C
7
PGND
Vref
ON/OFF
Control SW
TSD
OVP
OCL
N/C
SHUT
DOWN


Similar Part No. - IP1523

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
IP1520 INTERPION-IP1520 Datasheet
350Kb / 14P
DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1521 INTERPION-IP1521 Datasheet
353Kb / 14P
DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1522 INTERPION-IP1522 Datasheet
353Kb / 14P
DUAL OUTPUT VOLTAGE SERIES REGULATOR
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
REGULATING PULSE WIDTH MODULATORS
logo
Interpion semiconductor
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
DUAL OUTPUT VOLTAGE LDO REGULATOR
More results

Similar Description - IP1523

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7090 NTE-NTE7090 Datasheet
20Kb / 2P
Variable Output Voltage Regulator (Dual Tracking Type)
logo
Rohm
BA3960 ROHM-BA3960 Datasheet
82Kb / 5P
Dual circuit, variable output voltage regulator
BA44W12SAT ROHM-BA44W12SAT Datasheet
109Kb / 9P
Dual output voltage regulator with power saving
BA41W12ST ROHM-BA41W12ST Datasheet
120Kb / 9P
Dual output voltage regulator with power saving
logo
Interpion semiconductor
IP1520 INTERPION-IP1520 Datasheet
350Kb / 14P
DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1521 INTERPION-IP1521 Datasheet
353Kb / 14P
DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1522 INTERPION-IP1522 Datasheet
353Kb / 14P
DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1525 INTERPION-IP1525 Datasheet
219Kb / 11P
DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1621 INTERPION-IP1621 Datasheet
364Kb / 15P
DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com