Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1524 Datasheet(PDF) 9 Page - Interpion semiconductor

Part # IP1524
Description  DUAL OUTPUT VOLTAGE LDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP1524 Datasheet(HTML) 9 Page - Interpion semiconductor

Back Button IP1524 Datasheet HTML 4Page - Interpion semiconductor IP1524 Datasheet HTML 5Page - Interpion semiconductor IP1524 Datasheet HTML 6Page - Interpion semiconductor IP1524 Datasheet HTML 7Page - Interpion semiconductor IP1524 Datasheet HTML 8Page - Interpion semiconductor IP1524 Datasheet HTML 9Page - Interpion semiconductor IP1524 Datasheet HTML 10Page - Interpion semiconductor IP1524 Datasheet HTML 11Page - Interpion semiconductor IP1524 Datasheet HTML 12Page - Interpion semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
December. 2002 (Rev.0)
- 9 -
IP1524
DUAL OUTPUT VOLTAGE LDO REGULATOR
www.interpionsemi.com
ELECTRICAL CHARACTERISTICS CURVES (Continued)
0
200
400
600
800
1000
3.20
3.25
3.30
3.35
3.40
VOUT1 Load Regulation (Tj=25
oC)
Output Current (mA)
0
200
400
600
800
1000
1.10
1.15
1.20
1.25
1.30
1.35
Vo2=1.25V
VOUT2 Load Regulation (Tj=25
o
C)
Output Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com