Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1531 Datasheet(PDF) 5 Page - Interpion semiconductor

Part # IP1531
Description  TRIPLE OUTPUT VOLTAGE LDO REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP1531 Datasheet(HTML) 5 Page - Interpion semiconductor

  IP1531 Datasheet HTML 1Page - Interpion semiconductor IP1531 Datasheet HTML 2Page - Interpion semiconductor IP1531 Datasheet HTML 3Page - Interpion semiconductor IP1531 Datasheet HTML 4Page - Interpion semiconductor IP1531 Datasheet HTML 5Page - Interpion semiconductor IP1531 Datasheet HTML 6Page - Interpion semiconductor IP1531 Datasheet HTML 7Page - Interpion semiconductor IP1531 Datasheet HTML 8Page - Interpion semiconductor IP1531 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
- 5 -
December. 2002 (Rev.0)
www.interpionsemi.com
IP1531
TRIPLE OUTPUT VOLTAGE LDO REGULATOR
ELECTRICAL CHARACTERISTICS
( Vin= 5V, Co=10uF, Ta = 25OC, unless otherwise specified.)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
LDO REGULATOR 3 (ADJUSTABLE TYPE)
Output Voltage
Vout3
Io=10mA
Vref
-
Vin-
1.5V
V
Line Regulation
dVline3
Vin=4.5~6V,Io=10mA
-
0.01
0.4
%
Load Regulation
dVload3
Ta=25OC
Vin=5V, 10mA < Io < 400mA
-
0.4
0.8
%
Dropout voltage
Vdrop3
Io=400mA
-
1.1
1.3
V
Ripple rejection
RR3
F=120Hz, Co=10uF Tantalum
Vin-Vout=2V, Io=200mA
60
70
-
dB
Current limit *Note
Ilimit3
Vin-Vout=3.0V
400
-
-
mA
Adjust pin current
Iadj 3
-
-
0.1
-
uA
Minimum load current
Ilmin3
-
10
-
-
mA
Temperature stability
Temp3
-
-
0.5
-
%
On voltage
Von
Vout=Enabled
-
-
0.8
V
Off voltage
Voff
Vout=Disabled
2.0
-
-
V
ON/OFF CONTROL PART
* Note
Don’t exceed following current limit.
( Iout1 : 500 mA, Iout2 : 400 mA, Iout3 : 400 mA )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com