Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC2815D Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # DAC2815D
Description  6W DUAL DC - DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DAC2815D Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  DAC2815D Datasheet HTML 1Page - M.S. Kennedy Corporation DAC2815D Datasheet HTML 2Page - M.S. Kennedy Corporation DAC2815D Datasheet HTML 3Page - M.S. Kennedy Corporation DAC2815D Datasheet HTML 4Page - M.S. Kennedy Corporation DAC2815D Datasheet HTML 5Page - M.S. Kennedy Corporation DAC2815D Datasheet HTML 6Page - M.S. Kennedy Corporation DAC2815D Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
DAC2812D•DAC2815D
SPECIFICATIONS
PARAMETER
TEST CONDITIONS1
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
STEADY STATE
CHARACTERISTICS
INPUT VOLTAGE RANGE
–55°C
↔125°C
11
28
50
11
28
50
Vdc
OUTPUT VOLTAGE (+/–)
+I
o=–Io =10%
11.9
12
12.1
14.9
15
15.1
Vdc
OUTPUT CURRENT –55°C
×125°C
V
IN = 16 ↔ 40
±225
3604
±180
2884
mAdc
V
IN = 11 ↔ 50
±208
3334
±167
2674
mAdc
OUTPUT POWER –55°C
×125°C
V
IN = 16 ↔ 40
5.4
5.4
W
V
IN = 11 ↔ 50
5
5
W
EFFICIENCY
+I
o=–Io=100%
60
6461
65
%
LINE REGULATION
V
IN = 11 ↔ 50; +Io=–Io=100%
5
5
mV
LOAD REGULATION
+(+I
o=0–160%)
–I
o=40%
2
55
mV
– (-I
o= 0 – 160%)
+I
o=40%
2
20
15
mV
OPERATING TEMPERATURE, CASE
–55
125
–55
125
°C
TEMPERATURE COEFFICIENT
(Vout+/–)
0.006
0.006
%/°C
INPUT RIPPLE CURRENT
Bandwidth = 10kHz
→ 1MHz
340
340
mArms
WITH 1µH SERIES INDUCTANCE
Bandwidth = 10kHz
→ 1MHz
45
45
mArms
OUTPUT RIPPLE VOLTAGE
Bandwidth = 10kHz
→ 1MHz
15
60
15
60
mVrms
LOAD CAPACITANCE3 (PER OUTPUT
V
IN = 16 ↔ 40
100
100
µF
OVER –55°C
×125°C)
V
IN = 11 ↔ 50
50
50
µF
SHORT CIRCUIT DISSIPATION
0.5
0.5
W
QUIESCENT INPUT CURRENT
50
70
50
70
mA
INHIBITED
0.9
1.25
2.5
0.09
1.25
2.5
mA
ISOLATION CHARACTERISTICS
(INPUT/OUTPUT/CASE)
LEAKAGE RESISTANCE
500 Vdc
100
100
M
Ω
LEAKAGE CAPACITANCE
10kHz
400
500
400
500
pF
DYNAMIC CHARACTERISTICS
LINE STEP RESPONSE
V
IN = 16 ↔ 40 Vdc
VOLTAGE CHANGE
200
200
mV
RECOVERY TIME (99%)
250
250
µS
WITH 50 µF OUTPUT
CAPACITORS3
VOLTAGE CHANGE
150
150
mV
RECOVERY TIME (99%)
400
400
µS
LOAD STEP RESPONSE
+I
o=–Io=50↔100%
VOLTAGE CHANGE
400
400
mV
RECOVERY TIME (99%)
200
200
µS
WITH 50 µF OUTPUT
CAPACITORS3
VOLTAGE CHANGE
300
300
mV
RECOVERY TIME (99%)
300
300
µS
START-UP OVERSHOOT
V
IN = 0 → 28 Vdc
0
0
mV
SHUTDOWN DELAY
Pin5=>10
↔<8Vdc
250
500
250
500
µS
SHUTDOWN RECOVERY
Pin5=>8
↔<10Vdc
40
60
40
60
mS
DAC2812D
DAC2815D
ABSOLUTE MAXIMUM RATINGS
DAC2812D
DAC2815D
INPUT VOLTAGE RANGE (Pin 7 to 6 or 5)
50Vdc
50Vdc
INPUT TRANSIENT (Pin 7 to 6)
80V @ 50ms
80V @ 50ms
OUTPUT CURRENT (Continuous)
360mA4
288mA4
TEMPERATURE, Storage
–65°C,150°C
–65°C,150°C
TEMPERATURE, Pin Soldering 10s
300°C
300°C
Rev. B 12/03
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com