Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMW41 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VLMW41
Description  Standard SMD LED PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW41 Datasheet(HTML) 4 Page - Vishay Siliconix

  VLMW41 Datasheet HTML 1Page - Vishay Siliconix VLMW41 Datasheet HTML 2Page - Vishay Siliconix VLMW41 Datasheet HTML 3Page - Vishay Siliconix VLMW41 Datasheet HTML 4Page - Vishay Siliconix VLMW41 Datasheet HTML 5Page - Vishay Siliconix VLMW41 Datasheet HTML 6Page - Vishay Siliconix VLMW41 Datasheet HTML 7Page - Vishay Siliconix VLMW41 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VLMW41..
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 24-Sep-2021
4
Document Number: 81370
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Relative Intensity vs. Wavelength
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Relative Luminous Intensity vs. Forward Current
Fig. 6 - Chromaticity Coordinate Shift vs. Forward Current
Fig. 7 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 8 - Forward Voltage vs. Ambient Temperature
0
10
20
30
40
50
60
70
80
90
100
400
450
500
550
600
650
700
750
800
λ - Wavelength (nm)
16196
1
10
100
2.5
3.0
3.5
4.0
4.5
V
F - Forward Voltage (V)
20217
0.01
0.1
1
10
1
10
100
I
F - Forward Current (mA)
20219
0.250
0.275
0.300
0.325
0.350
20220
I
F - Forward Current (mA)
050
40
30
20
10
X
Y
20914
T
amb - Ambient Temperature (°C)
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
-40
-20
0
20
40
60
80
100
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
20915
T
amb - Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com