Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP9004AL-TF Datasheet(PDF) 4 Page - Interpion semiconductor

Part # IP9004AL-TF
Description  5-CH MOTOR DRIVE IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP9004AL-TF Datasheet(HTML) 4 Page - Interpion semiconductor

  IP9004AL-TF Datasheet HTML 1Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 2Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 3Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 4Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 5Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 6Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 7Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 8Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
August. 2004 (Rev. 0)
- 4 -
IP9004A
5-CH MOTOR DRIVE IC
www.interpionsemi.com
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent circuit current
Icc
No Load
-
24
-
mA
Mute on voltage
Vmon
Pin23=Variable
-
-
0.5
V
Mute off voltage
Vmoff
Pin23=Variable
1.5
-
-
V
[ BTL DRIVER PART ]
Output offset voltage
Voo
-80
0
80
mV
Maximum output voltage
Vom
RL=12ohm
4.7
5.3
-
V
Voltage gain
Gvc
Vin=0.1Vrms, f=1Khz
14
16
18
dB
Ripple rejection ratio
RR
Vin=0.1Vrms, f=120Hz
50
60
-
dB
Slew rate
SR
Vout=4Vp-p, square
-
1.5
-
V/us
[INPUT OPAMP CIRCUIT]
Common Mode Input Range
VICM
-
0.5
-
6.8
V
High level output voltage
VOHOP
-
7.0
-
-
V
Low level output voltage
VOLOP
-
-
-
0.5
V
Output sink current
ISINK
RVcc=50ohm
1
-
-
mA
Output source current
ISOU
RGND=50ohm
1
-
-
mA
[LOADING DRIVER PART]
Input high level voltage
Vih
-
2
-
-
V
Input high level voltage
Vil
-
-
-
0.5
V
Output voltage
Vo
RL=45ohm,Pin8=open
5.4
6.0
-
V
Output voltage regulation
Vo
RL=45ohm,
VPin8=1.0 V
2
2.5
3
V
Output offset voltage 1
Voo1
Pin1,Pin32=5V
-80
-
+80
mV
Output offset voltage 2
Voo2
Pin1,Pin32=0V
-80
-
+80
mV
(VCC=8V, RL = 12ohm, Ta = 25OC unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com