Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2546 Datasheet(PDF) 18 Page - Diodes Incorporated

Part # PI5USB2546
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546 Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button PI5USB2546 Datasheet HTML 14Page - Diodes Incorporated PI5USB2546 Datasheet HTML 15Page - Diodes Incorporated PI5USB2546 Datasheet HTML 16Page - Diodes Incorporated PI5USB2546 Datasheet HTML 17Page - Diodes Incorporated PI5USB2546 Datasheet HTML 18Page - Diodes Incorporated PI5USB2546 Datasheet HTML 19Page - Diodes Incorporated PI5USB2546 Datasheet HTML 20Page - Diodes Incorporated PI5USB2546 Datasheet HTML 21Page - Diodes Incorporated PI5USB2546 Datasheet HTML 22Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
All trademarks are property of their respective owners.
www.diodes.com
1/18/2017
2016-11-0004
PT0493-4
18
PI5USB2546
Device Control Pins Truth Table
Device Control Pins Table lists all valid bias combinations for the four control pins CTL1, CTL2, CTL3 and ILIM_SEL pins
and their corresponding charging mode. It is important to note that the Device Control Pins Table purposely omits matching
charging modes of the PI5USB2546 with global power states (S0-S5) as device is agnostic to system power states. The
PI5USB2546 monitors its CTL inputs and will transition to whatever charging state it is commanded to go to (except when
LS/FS HID device is detected). For example if sleep charging is desired when system is in standby or hibernate state then user
must set PI5USB2546 control pins to correspond to DCP_Auto charging mode per below table. When system is put back to
operation mode then set control pins to correspond to SDP or CDP mode and so on.
PI5USB2546 Device Control Pins Truth Table
CTL1
CTL2
CTL3
ILIM_SEL
MODE
Current
Limit Setting
/STATUS Output
(Active low)
Comment
0
0
0
0
Discharge
NA
OFF
OUT held low
0
0
0
1
Discharge
NA
OFF
0
0
1
0
DCP_Auto
ILIM_HI
OFF
Data lines disconnected
0
0
1
1
DCP_Auto
IOS_PW &
ILIM_HI
(1)
DCP load present
(2)
Data lines disconnected and
load detect function active
0
1
0
0
SDP1
ILIM_LO
OFF
Data lines connected
0
1
0
1
SDP1
ILIM_HI
OFF
0
1
1
0
DCP_Auto
ILIM_HI
OFF
Data lines disconnected
0
1
1
1
DCP_Auto
ILIM_HI
DCP load present
(3)
Data lines disconnected and
load detect function active
1
0
0
0
DCP_Shorted
ILIM_LO
OFF
Device forced to stay in
DCP BC1.2 charging mode
1
0
0
1
DCP_Shorted
ILIM_HI
OFF
1
0
1
0
Divider-1A
ILIM_LO
OFF
Device forced to stay in
Divider-1A charging mode
1
0
1
1
Divider-1A
ILIM_HI
OFF
1
1
0
0
SDP1
ILIM_LO
OFF
Data lines connected
1
1
0
1
SDP1
ILIM_HI
OFF
1
1
1
0
SDP2
(4)
ILIM_LO
OFF
1
1
1
1
CDP
(4)
ILIM_HI
CDP load present
(5)
Data lines connected and
load detect active
Note:
(1)
PI5USB2546: Current limit (IOS) is automatically switched between IOS_PW and the value set by ILIM_HI according to the Load Detect –Power
Wake functionality.
(2)
DCP Load present governed by the “Load Detection – Power Wake” limits.
(3)
DCP Load present governed by the “Load Detection – Non Power Wake” limits.
(4)
No OUT discharge when changing between 1111 and 1110.
(5)
CDP Load present governed by the “Load Detection – Non Power Wake” limits and BC1.2 primary detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com