Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VGD-30 Datasheet(PDF) 2 Page - CUI INC

Part # VGD-30
Description  AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGD-30 Datasheet(HTML) 2 Page - CUI INC

  VGD-30 Datasheet HTML 1Page - CUI INC VGD-30 Datasheet HTML 2Page - CUI INC VGD-30 Datasheet HTML 3Page - CUI INC VGD-30 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
CUI Inc SERIES: VGD-30 DESCRIPTION: AC-DC POWER SUPPLY
date 07/10/2018 page 2 of 4
INPUT
parameter
conditions/description
min
max
units
voltage
85
120
264
370
Vac
Vdc
frequency
47
63
Hz
input current
115 Vac
230 Vac
0.6
0.35
A
A
inrush current
115 Vac, full load, cold start
230 Vac, full load, cold start
30
60
A
A
OUTPUT
parameter
conditions/description
min
max
units
line regulation
±1
%
load regulation
±5
%
±0.03
%/°C
hold-up time
115 Vac, full load
230 Vac, full load
10
50
ms
ms
adjustability
adjustable with built-in trim pot1
-5
+5
%
Note:
1. Adjustment of 5 V output only.
PROTECTIONS
parameter
conditions/description
min
max
units
over voltage protection
7
V
overload protection
hiccup mode, automatically recovers
110
160
%
short circuit protection
continuous, automatically recovers
SAFETY & COMPLIANCE
parameter
conditions/description
min
max
units
isolation voltage
input to output
input to case
output to case
3,000
1,500
500
Vac
Vac
Vac
isolation resistance
input to output at 500 Vdc at 25°C
100
M
safety approvals
UL 60950-1, Intertek EN 60950-1
EMI/EMC
EN 55022 (CISPR22) Class B, EN 61000-3-2,-3,-4-2,3,4,5,6,8,11; EN 55024
leakage current
at 240 Vac
3.5
mA
MTBF
MIL-HDBK-217F(25°C)
300,000
hrs
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
max
units
operating temperature
see derating curve
-10
60
°C
storage temperature
-20
85
°C
operating humidity
non-condensing
20
90
%
storage humidity
10
95
%
Additional Resources: Product Page



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com