Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8553DTT/AJ Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA8553DTT/AJ
Description  Automotive 40 횞 4 LCD segment driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8553DTT/AJ Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA8553DTT/AJ Datasheet HTML 1Page - NXP Semiconductors PCA8553DTT/AJ Datasheet HTML 2Page - NXP Semiconductors PCA8553DTT/AJ Datasheet HTML 3Page - NXP Semiconductors PCA8553DTT/AJ Datasheet HTML 4Page - NXP Semiconductors PCA8553DTT/AJ Datasheet HTML 5Page - NXP Semiconductors PCA8553DTT/AJ Datasheet HTML 6Page - NXP Semiconductors PCA8553DTT/AJ Datasheet HTML 7Page - NXP Semiconductors PCA8553DTT/AJ Datasheet HTML 8Page - NXP Semiconductors PCA8553DTT/AJ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
NXP Semiconductors
PCA8553
Automotive 40 × 4 LCD segment driver
4 Ordering information
Package
Product type Number Topside mark
Name
Description
Version
PCA8553DTT/A
PCA8553D
TSSOP56
plastic thin shrink small outline
package; 56 leads; body width 6.1 mm
SOT364-1
Table 1. Ordering Information
4.1 Ordering options
Product type
Number
Orderable part
number
Package
Packing method
[1]
Minimum
order
quantity
Temperature
PCA8553DTT/AJ [2] TSSOP56
reel 13” q1 non dry pack 2000
Tamb = -40 °C to +85 °C
PCA8553DTT/AJ
PCA8553DTT/AY
TSSOP56
reel 13” q1 dry pack
2000
Tamb = -40 °C to +85 °C
Table 2. Ordering options
[1]
Standard packing quantities and other packaging data are available at www.nxp.com/ packages/
[2]
Discontinuation notice 202107021DN - drop-in replacement is PCA8553DTT/AY - this is documented in PCN202102010F01.
PCA8553
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 1 October 2021
2 / 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com