Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP9005 Datasheet(PDF) 4 Page - Interpion semiconductor

Part # IP9005
Description  5-CH MOTOR DRIVE IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP9005 Datasheet(HTML) 4 Page - Interpion semiconductor

  IP9005 Datasheet HTML 1Page - Interpion semiconductor IP9005 Datasheet HTML 2Page - Interpion semiconductor IP9005 Datasheet HTML 3Page - Interpion semiconductor IP9005 Datasheet HTML 4Page - Interpion semiconductor IP9005 Datasheet HTML 5Page - Interpion semiconductor IP9005 Datasheet HTML 6Page - Interpion semiconductor IP9005 Datasheet HTML 7Page - Interpion semiconductor IP9005 Datasheet HTML 8Page - Interpion semiconductor IP9005 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
June. 2005 (Rev. 5)
- 4 -
IP9005
5-CH MOTOR DRIVE IC
www.interpionsemi.com
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent circuit current
Icc
No Load
-
23
34
mA
Power save on current
Ips
Pin5=GND
-
0.5
2.0
mA
Power save on voltage
Vpson
Pin5=sweep
-
-
0.5
V
Power save off voltage
Vpsoff
Pin5=sweep
2.0
-
-
V
[ BTL DRIVE PART ]
Output offset voltage
Voos
Vin=Vref
-80
-
+80
mV
Maximum output voltage
Voms
RL=8 ohm
3.6
4.0
-
V
Closed-loop voltage gain
Avfs
Vin=0.1Vrms, f=1kHz
17
19
21
dB
Mute on voltage
Vmon
Pin21=sweep
-
-
0.5
V
Mute off voltage
Vmoff
Pin21=sweep
1.5
-
-
V
Mute pin current
Imp
Pin21=5.0V
200
300
uA
Bias pin current
Ibias
Pin28=2.5V
80
120
uA
[ CH3, CH4 INPUT OPAMP PART ]
Common mode input range
Vicm
Vbias=4.0V
0.5
-
10
V
Input bias current
Ib
-
-
-
300
nA
High level output voltage
Vohop
Pin28=6.0V
11.5
-
-
V
Low level output voltage
Volop
Pin28=6.0V
-
-
0.5
V
Output source current
Isrc
-
1
-
-
mA
Output sink current
Isnk
-
1
-
-
mA
Slew rate
Srop
100KHz pulse,
Vout=2.0Vpp
-
1.0
-
V/uS
(SVCC=12.0V,PVCC1=PVCC2=5V, RL=8ohm, Bias=1.65V, Ta = 25OC unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com