Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP9008 Datasheet(PDF) 7 Page - Interpion semiconductor

Part # IP9008
Description  5-CH MOTOR DRIVE IC 2-Reg controllers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP9008 Datasheet(HTML) 7 Page - Interpion semiconductor

Back Button IP9008 Datasheet HTML 3Page - Interpion semiconductor IP9008 Datasheet HTML 4Page - Interpion semiconductor IP9008 Datasheet HTML 5Page - Interpion semiconductor IP9008 Datasheet HTML 6Page - Interpion semiconductor IP9008 Datasheet HTML 7Page - Interpion semiconductor IP9008 Datasheet HTML 8Page - Interpion semiconductor IP9008 Datasheet HTML 9Page - Interpion semiconductor IP9008 Datasheet HTML 10Page - Interpion semiconductor IP9008 Datasheet HTML 11Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
June. 2005 (Rev. 4)
- 7 -
IP9008
5-CH MOTOR DRIVE IC+ 2-Reg controllers
www.interpionsemi.com
ELECTRICAL CHARACTERISTICS CURVES (Continued)
6
8
10
12
14
0
2
4
6
8
Vom vs. Vcc (CH1,2,3,4)
Vom(V)
Vref=2.5V, Vin=5V
Vcc(V)
6
8
10
12
14
0
4
8
12
16
20
24
28
32
Avf vs. Vcc(CH1,2,3,4)
Avf(dB)
Vcc(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com