Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP9005L Datasheet(PDF) 2 Page - Interpion semiconductor

Part # IP9005L
Description  5-CH MOTOR DRIVE IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP9005L Datasheet(HTML) 2 Page - Interpion semiconductor

  IP9005L Datasheet HTML 1Page - Interpion semiconductor IP9005L Datasheet HTML 2Page - Interpion semiconductor IP9005L Datasheet HTML 3Page - Interpion semiconductor IP9005L Datasheet HTML 4Page - Interpion semiconductor IP9005L Datasheet HTML 5Page - Interpion semiconductor IP9005L Datasheet HTML 6Page - Interpion semiconductor IP9005L Datasheet HTML 7Page - Interpion semiconductor IP9005L Datasheet HTML 8Page - Interpion semiconductor IP9005L Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
June. 2005 (Rev. 5)
- 2 -
IP9005
5-CH MOTOR DRIVE IC
www.interpionsemi.com
PIN DESCRIPTIONS
PIN CONNECTIONS
NO
SYMBOL
I/O
DESCRIPTION
1
FWD
I
Loading motor forward input
2
REV
I
Loading motor reverse input
3
CTL
I
Loading motor speed
control
4
PS
I
Power save
5
IN1
I
CH1 input
6
IN2
I
CH2 input
7
SVCC
-
Signal power supply
8
PVCC1
-
Power supply 1
9
VOL-
O
Loading driver output(-)
10
VOL+
O
Loading driver output(+)
11
VO2-
O
CH2 driver output(-)
12
VO2+
O
CH2 driver output(+)
13
VO1-
O
CH1 driver output(-)
14
VO1+
O
CH1 driver output(+)
NO
SYMBOL
I/O
DESCRIPTION
15
VO4+
O
CH4 driver output(+)
16
VO4-
O
CH4 driver output(-)
17
VO3+
O
CH3 driver output(+)
18
VO3-
O
CH3 driver output(-)
19
GND
-
Ground
20
PVCC2
-
Power supply 2
21
MUTE
I
Mute
22
OPOUT3
O
CH3 OPAMP output
23
IN3-
I
CH3 OPAMP input (-)
24
IN3+
I
CH3 OPAMP input (+)
25
OPOUT4
O
CH4 OPAMP output
26
IN4-
I
CH4 OPAMP input (-)
27
IN4+
I
CH4 OPAMP input (+)
28
BIAS
I
Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com