Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP9009 Datasheet(PDF) 5 Page - Interpion semiconductor

Part # IP9009
Description  5-CH Motor Drive IC with Regulator and Reset controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP9009 Datasheet(HTML) 5 Page - Interpion semiconductor

  IP9009 Datasheet HTML 1Page - Interpion semiconductor IP9009 Datasheet HTML 2Page - Interpion semiconductor IP9009 Datasheet HTML 3Page - Interpion semiconductor IP9009 Datasheet HTML 4Page - Interpion semiconductor IP9009 Datasheet HTML 5Page - Interpion semiconductor IP9009 Datasheet HTML 6Page - Interpion semiconductor IP9009 Datasheet HTML 7Page - Interpion semiconductor IP9009 Datasheet HTML 8Page - Interpion semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
June. 2005 (Rev. 3)
- 5 -
IP9009
5-CH Motor Drive IC with Regulator and Reset controllers
www.interpionsemi.com
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL CONDITIONS
MIN
TYP
MAX
UNIT
[ LOADING DRIVER PART ]
Input high level voltage
Vih
1.5
-
-
V
Input low level voltage
Vil
-
-
0.5
V
FWD/REV pin current
Iin
Pin1=Pin2=5.0V
-
200
300
uA
Maximum output voltage
Vo
RL=25 ohm
9.0
10
-
V
Voltage gain
Gvf
Pin3=sweep
7
9
11
dB
(SVCC=12.0V,PVCC1=PVCC2=5V, RL=12ohm, Bias=1.65V, Ta = 25OC unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com