Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C9X2G606PR Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI7C9X2G606PR
Description  PCIe2 6-Port/6-Lane Packet Switch, GreenPacket Family
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X2G606PR Datasheet(HTML) 1 Page - Diodes Incorporated

  PI7C9X2G606PR Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.diodes.com
Page 1 of 1
1/5/2017
PCI
® , PCIe® and PCI Express® are registered trademarks of the PCI SIG® (www.pcisig.org)
Product:
PCIe2 6-Port/6-Lane Packet Switch, GreenPacket Family
Part Numbers: PI7C9X2G606PR
Product Description
The PI7C9X2G606PR is a
6-lane PCI Express Gen 2 Switch
with 6 PCI Express ports specifically designed to meet high
performance and the latest GREEN low-power, lead (Pb)-free
system requirements, such as Network, Embedded, Storage
and other platforms. The name of the family, GreenPacketTM,
refers to Pericom proprietary power saving technology.
The PI7C9X2G606PR provides one upstream port supporting x1,
and 5 downstream ports that support x1 operation. The flexible
upstream port provides users the flexibility to expand or fan-out
from a wide range of x86, ARM, MIPS, PowerPC SoC/ Chipset,
and it is a suitable solution for wired/ wireless Networking,
Switch router, Embedded, Storage, HBA, Surveillance, Combo
card and other applications.
Industry Specifications Compliance
PCI Express® Base Specification, Revision 2.1
PCI Express CEM Specification, Revision 2.0
PCI-to-PCI Bridge Architecture Spec., Rev 1.2
Advanced Configuration Power Interface (ACPI)
Specification
SMBus interface support
Features
PCISIG PCI Express 2.1 certificated
Reliability, Availability and Serviceability
o
Supports Data Poisoning and End-to-End CRC
o
Advanced Error Reporting and Logging
Device State Power Management
o
Supports D0, D3Hot and D3Cold device power states
Advanced Power Savings
o
Empty downstream ports are set to idle
Programmable driver current and de-emphasis level at
each individual port
Port Arbitration: Round Robin (RR), Weighted RR and
Time-based Weighted RR
Extended Virtual Channel capability
o
Two Virtual Channels (VC) and Eight Traffic Class (TC)
support
o
Independent TC/VC mapping for each port
Supports Isochronous Traffic
o
Isochronous traffic class mapped to VC1 only
Supports “Cut-through”(Default) as well as “Store and
Forward” mode for switching packets
Strapped pins configurable with optional EEPROM or
SMBus
Peer-to-peer switching between any two downstream ports
Supports up to 512-byte maximum payload size
Power Dissipation: 0.6 W typical in L0 normal mode
Industrial Temperature Range: -40o to 85oC
MTBF: 50,927,360 hours
Package: 196-pin LBGA 15mm x 15mm
o
Pb free and 100% Green
Enhanced Features
150ns typical latency for packet running through switch
without blocking
Link Power Management
o
Supports L0, L0s, L1, L2, L2/L3Ready and L3 link power
states
o
Active state power management for L0s and L1 states
o
Supports PCI-PM and ASPM of L1.1 PM Sub-state
Supports Device Specific PME Turn-Off Message for each
downstream port
Support Access Control Service (ACS) for peer-to-peer
traffic
Support Address Translation (AT) packet for SR-IOV
application
Support OBFF and LTR
Support Serial Hot Plug Controller
Application
Wireless AP/ Switch Router
Wired/ Wireless Tele/ data communication
Embedded system
IPC/ Industrial control
Automotive
NAS/ Storage
Server
Printer/ MFP/ Peripheral
Surveillance/ Security
HBA / Combo cards
Set-top box and consumer devices
NB/ PC Motherboard PCIe slot expansion
Order Information
PART NUMBER
PACKAGE
PB-FREE &
GREEN
TEMPERATURE
PI7C9X2G606PRDNJAEX†
196 LBGA
YES
-40oC TO 85oC
PI7C9X2G606PRDEVB
Board
Evaluation kit for
PI7C9X2G606PRD
† Note: Adding an X suffix =Tape/Reel
Chipset
/ SoC
x1 PCIe2
x1 PCIe2
PCIe
EP
PI7C9X2G606
PR
PCIe
EP
PCIe
EP
PCIe
EP
PCIe
EP
17-0042


Similar Part No. - PI7C9X2G606PR

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C9X2G606PR PERICOM-PI7C9X2G606PR Datasheet
420Kb / 1P
Packet Switch
PI7C9X2G606PRCEVB PERICOM-PI7C9X2G606PRCEVB Datasheet
420Kb / 1P
Packet Switch
PI7C9X2G606PRCNJEX PERICOM-PI7C9X2G606PRCNJEX Datasheet
420Kb / 1P
Packet Switch
More results

Similar Description - PI7C9X2G606PR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES6T5 IDT-89HPES6T5 Datasheet
461Kb / 28P
6-Lane 5-Port PCI Express Switch
89HPES24T6 IDT-89HPES24T6 Datasheet
56Kb / 2P
24-Lane 6-Port PCI Express짰 Switch
logo
Pericom Semiconductor C...
PI7C9X2G308GP PERICOM-PI7C9X2G308GP Datasheet
671Kb / 1P
PCIe2 3-Port/8-Lane Packet Switch
PI7C9X20303UL PERICOM-PI7C9X20303UL Datasheet
84Kb / 1P
3-Port/3-Lane Packet Switch
PI7C9X20505GP PERICOM-PI7C9X20505GP Datasheet
71Kb / 1P
PCIe짰 Packet Switch - 5-Port/5-lane
PI7C9X2G308GPAEVB PERICOM-PI7C9X2G308GPAEVB Datasheet
671Kb / 1P
PCIe2 3-Port/8-Lane Packet Switch, GreenPacketTM Family
PI7C9X2G608GPBEVB-X4U PERICOM-PI7C9X2G608GPBEVB-X4U Datasheet
421Kb / 1P
PCIe2 6-Port/ 8-Lane Packet Switch, GreenPacketTM Family
logo
Diodes Incorporated
PI7C9X2G612GP DIODES-PI7C9X2G612GP Datasheet
420Kb / 1P
PCIe2 6-Port/12-Lane Packet Switch, GreenPacketTM Family
10/2/2015
PI7C9X119SLFDE DIODES-PI7C9X119SLFDE_V01 Datasheet
362Kb / 1P
PCIe2 6-Port/8-Lane Packet Switch, ExtremeLoTM Family
10/2/2015
logo
Renesas Technology Corp
89HPES6T6G2 RENESAS-89HPES6T6G2 Datasheet
604Kb / 30P
6-Lane 6-Port Gen2 PCI Express® Switch
March 30, 2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com