Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC261201 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC261201
Description  28V, 12A Hyper Speed Control짰 Synchronous DC/DC Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC261201 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC261201 Datasheet HTML 17Page - Microchip Technology MIC261201 Datasheet HTML 18Page - Microchip Technology MIC261201 Datasheet HTML 19Page - Microchip Technology MIC261201 Datasheet HTML 20Page - Microchip Technology MIC261201 Datasheet HTML 21Page - Microchip Technology MIC261201 Datasheet HTML 22Page - Microchip Technology MIC261201 Datasheet HTML 23Page - Microchip Technology MIC261201 Datasheet HTML 24Page - Microchip Technology MIC261201 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006660A-page 21
MIC261201
5.2
Output Capacitor Selection
The type of the output capacitor is usually determined
by its equivalent series resistance (ESR). Voltage and
RMS current capability are two other important factors
for selecting the output capacitor. Recommended
capacitor types are ceramic, low-ESR aluminum
electrolytic, OS-CON and POSCAP. The output
capacitor’s ESR is usually the main cause of the output
ripple. The output capacitor ESR also affects the
control loop from a stability point of view.
The maximum value of ESR is calculated:
EQUATION 5-7:
The total output ripple is a combination of the ESR and
output capacitance. The total ripple is calculated in
Equation 5-8:
EQUATION 5-8:
As described in the Theory of Operation section, the
MIC261201 requires at least 20 mV peak-to-peak
ripple at the FB pin to make the gm amplifier and the
error comparator behave properly. Also, the output
voltage ripple should be in phase with the inductor
current. Therefore, the output voltage ripple caused by
the output capacitors value should be much smaller
than the ripple caused by the output capacitor ESR. If
low-ESR capacitors, such as ceramic capacitors, are
selected as the output capacitors, a ripple injection
method should be applied to provide the enough
feedback voltage ripple. Please refer to the Ripple
Injection section for more details.
The voltage rating of the capacitor should be twice the
output voltage for a tantalum and 20% greater for
aluminum electrolytic or OS-CON. The output capacitor
RMS current is calculated in Equation 5-9:
EQUATION 5-9:
The power dissipated in the output capacitor is:
EQUATION 5-10:
5.3
Input Capacitor Selection
The input capacitor for the power stage input VIN
should be selected for ripple current rating and voltage
rating. Tantalum input capacitors may fail when
subjected to high inrush currents, caused by turning the
input supply on. A tantalum input capacitor’s voltage
rating should be at least two times the maximum input
voltage to maximize reliability. Aluminum electrolytic,
OS-CON, and multilayer polymer film capacitors can
handle the higher inrush currents without voltage
derating. The input voltage ripple will primarily depend
on the input capacitor’s ESR. The peak input current is
equal to the peak inductor current, so:
EQUATION 5-11:
The input capacitor must be rated for the input current
ripple. The RMS value of input capacitor current is
determined at the maximum output current. Assuming
the peak-to-peak inductor current ripple is low:
EQUATION 5-12:
The power dissipated in the input capacitor is:
EQUATION 5-13:
ESRCOUT
VOUT PP
IL PP
---------------------------
Where:
ΔVOUT(PP) = Peak-to-peak output voltage ripple
ΔIL(PP) = Peak-to-peak inductor current ripple
VOUT PP
IL PP
COUT fSW
8
--------------------------------------
2
IL PP
ESRCOUT
2
+
=
Where:
COUT = Output capacitance value
fSW = Switching frequency
ICOUT RMS
IL PP
12
------------------
=
PDISS COUT
ICOUT RMS
2 ESR
COUT
=
VIN
IL PK
ESRCIN
=
ICIN RMS
IOUT MAX
D
1 D
–
PDISS CIN
ICIN RMS
2 ESR
CIN
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com