Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7006 Datasheet(PDF) 20 Page - Microchip Technology

Part # USB7006
Description  6-Port USB 3.2 Gen 1 SmartHubTMController
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7006 Datasheet(HTML) 20 Page - Microchip Technology

Back Button USB7006_V01 Datasheet HTML 16Page - Microchip Technology USB7006_V01 Datasheet HTML 17Page - Microchip Technology USB7006_V01 Datasheet HTML 18Page - Microchip Technology USB7006_V01 Datasheet HTML 19Page - Microchip Technology USB7006_V01 Datasheet HTML 20Page - Microchip Technology USB7006_V01 Datasheet HTML 21Page - Microchip Technology USB7006_V01 Datasheet HTML 22Page - Microchip Technology USB7006_V01 Datasheet HTML 23Page - Microchip Technology USB7006_V01 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
USB7006
DS00003715B-page 20
 2022 Microchip Technology Inc. and its subsidiaries
PRT_CTL3
I/O12
(PU)
Port 3 power enable / overcurrent sense
When the downstream port is enabled, this pin is set as an input
with an internal pull-up resistor applied. The internal pull-up
enables power to the downstream port while the pin monitors for an
active low overcurrent signal assertion from an external current
monitor on USB port 3.
This pin will change to an output and be driven low when the port is
disabled by configuration or by the host control.
Note:
When PortSplit is disabled, this signal controls both the
USB 2.0 and USB 3.2 portions of the port. When
PortSplit is enabled, this signal controls the USB 2.0
portion of the port only.
Note 3-4
This pin can be left unused only if Port 3 is
disabled via strap/OTP/SMBus/SPI configuration.
Float
(Note 3-4)
PRT_CTL2
I/O12
(PU)
Port 2 power enable / overcurrent sense
When the downstream port is enabled, this pin is set as an input
with an internal pull-up resistor applied. The internal pull-up
enables power to the downstream port while the pin monitors for an
active low overcurrent signal assertion from an external current
monitor on USB port 2.
This pin will change to an output and be driven low when the port is
disabled by configuration or by the host control.
Note:
When PortSplit is disabled, this signal controls both the
USB 2.0 and USB 3.2 portions of the port. When
PortSplit is enabled, this signal controls the USB 2.0
portion of the port only.
Note 3-5
This pin can be left unused only if Port 2 is
disabled via strap/OTP/SMBus/SPI configuration.
Float
(Note 3-1)
PRT_CTL1
I/O12
(PU)
Port 1 power enable / overcurrent sense
When the downstream port is enabled, this pin is set as an input
with an internal pull-up resistor applied. The internal pull-up
enables power to the downstream port while the pin monitors for an
active low overcurrent signal assertion from an external current
monitor on USB port 1.
This pin will change to an output and be driven low when the port is
disabled by configuration or by the host control.
Note:
When PortSplit is disabled, this signal controls both the
USB 2.0 and USB 3.2 portions of the port. When
PortSplit is enabled, this signal controls the USB 2.0
portion of the port only.
Note 3-6
This pin can be left unused only if Port 1 is
disabled via strap/OTP/SMBus/SPI configuration.
Float
(Note 3-1)
TABLE 3-6:
PROGRAMMABLE FUNCTIONS DESCRIPTIONS (CONTINUED)
Function
Buffer
Type
Description
If Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com