Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7006/KDX Datasheet(PDF) 51 Page - Microchip Technology

Part # USB7006/KDX
Description  6-Port USB 3.2 Gen 1 SmartHubTMController
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7006/KDX Datasheet(HTML) 51 Page - Microchip Technology

Back Button USB7006/KDX Datasheet HTML 47Page - Microchip Technology USB7006/KDX Datasheet HTML 48Page - Microchip Technology USB7006/KDX Datasheet HTML 49Page - Microchip Technology USB7006/KDX Datasheet HTML 50Page - Microchip Technology USB7006/KDX Datasheet HTML 51Page - Microchip Technology USB7006/KDX Datasheet HTML 52Page - Microchip Technology USB7006/KDX Datasheet HTML 53Page - Microchip Technology USB7006/KDX Datasheet HTML 54Page - Microchip Technology USB7006/KDX Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00003715B-page 51
USB7006
APPENDIX A: REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision Level & Date
Section/Figure/Entry
Correction
DS00003715B (03-30-22)
Cover
• Updated product title
• Added USB Billboard Device bullet
• Added USB-IF bullet
• Added Multi-Host Endpoint Reflector bul-
lets
• Updated Windows compatibility list to
include Windows 11
• Updated USB 3.2 Gen 1 pins voltage tol-
erance to 1.32
Section2.1 “General Description”
Added Multi-Host Endpoint Reflector and
USB Power Delivery Billboard Device
paragraphs
Figure 3-1
Corrected pins 4 and 80 as ‘NC’
Figure 3-1
Corrected flow chart in CFG_STRAP section.
Replaced “Configuration 1?” text with “Config-
uration 3?”
Section3.2 “Pin Descriptions”
• Added note regarding pull-up/down resis-
tor values.
• Updated SPI_CLK pin description.
•
Section8.1 “Downstream Battery
Charging”
Replaced reference to “USB Battery Charging
with Microchip USB70xx Hubs
” with “AN2810
Configuration of USB7002/USB7006/
USB7016/ USB705x”
Section8.4 “FlexConnect”
Removed mention of Direct Pin Control for
FlexConnect, which is not supported on
USB7006
Section9.1 “Absolute Maximum
Ratings*”
Corrected absolute maximum range of
VCORE domain. VCORE absolute maximum
range specification erroneously had same lim-
its VCORE operational limits.
Section9.1 “Absolute Maximum
Ratings*”
Changed “Digital Core Supply Voltage
(VCORE)” to “1.2 V and Digital Core Supply
Voltage (VCORE)” since VCORE power
domain also supplies voltage to analog circu-
ity.
Section9.1 “Absolute Maximum
Ratings*”
Relaxed absolute maximum limit of XTAL from
3.63V to 4.6V
Section9.4 “Power Consumption”
Updated Power Consumption figures and
expanded on example calculations to improve
clarity.
Section9.4 “Power Consumption”
Added note about real world power consump-
tion variability.
Section9.6.1 “Power Supply and
RESET_N Sequence Timing”
Added additional clarification on VBUS_DET
with respect to power sequencing require-
ments.
Table 9-11
Load Capacitance updated to 10pF NOM and
Shunt Capacitance updated to 5pF NOM.
Table 9-3
Updated I and IS buffer types VIH min values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com