Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF2933MP Datasheet(PDF) 2 Page - Microchip Technology

Part # VRF2933MP
Description  50 V, 300 W, 150 MHz RF Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VRF2933MP Datasheet(HTML) 2 Page - Microchip Technology

  VRF2933MP Datasheet HTML 1Page - Microchip Technology VRF2933MP Datasheet HTML 2Page - Microchip Technology VRF2933MP Datasheet HTML 3Page - Microchip Technology VRF2933MP Datasheet HTML 4Page - Microchip Technology VRF2933MP Datasheet HTML 5Page - Microchip Technology VRF2933MP Datasheet HTML 6Page - Microchip Technology VRF2933MP Datasheet HTML 7Page - Microchip Technology VRF2933MP Datasheet HTML 8Page - Microchip Technology VRF2933MP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1.
Device Specifications
This section shows the specifications of the VRF2933(MP) device.
1.1
Absolute Maximum Ratings
The following table shows the absolute maximum ratings of the VRF2933(MP) device. TC = 25 °C unless otherwise
specified.
Table 1-1. Absolute Maximum Ratings
Symbol
Parameter
Ratings
Unit
VDSS
Drain source voltage
170
V
ID
Continuous drain current
42
A
VGS
Gate-source voltage
±40
V
PD
Total power dissipation
648
W
TSTG
Storage temperature range
–65 to 150
°C
TJ
Operating junction temperature
200
1.2
Electrical Performance
The following table shows the static characteristics of the VRF2933(MP) device. TC = 25 °C unless otherwise
specified.
Table 1-2. Static Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
V(BR)DSS Drain-source breakdown voltage
VGS = 0 V, ID = 100 mA
170
180
V
VDS(ON)
On-state drain voltage
ID(ON) = 20 A, VGS = 10 V
2.1
2.4
IDSS
Zero gate voltage drain current
VDS = 100 V, VGS = 0 V
2.0
mA
IGSS
Gate-source leakage current
VDS = ±20 V, VDS = 0 V
2.0
µA
gfs
Forward transconductance
VDS = 10 V, ID = 20 A
8
mhos
VGS(th)
Gate-source threshold voltage
VDS = 10 V, ID = 100 mA
2.9
3.6
4.4
V
The following table shows the thermal characteristics of the VRF2933(MP) device.
Table 1-3. Thermal Characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
RθJC
Junction-to-case thermal resistance
0.27
°C/W
Note:  These devices are sensitive to electrostatic discharge. Proper handling procedures should be followed.
The following table shows the dynamic characteristics of the VRF2933(MP) device. TC = 25 °C unless otherwise
specified.
VRF2933, VRF2933MP
Device Specifications
© 2022 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004434A-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com