Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7056T-I/KDX Datasheet(PDF) 7 Page - Microchip Technology

Part # USB7056T-I/KDX
Description  6-Port USB 3.2 Gen 1 PD SmartHub??IC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7056T-I/KDX Datasheet(HTML) 7 Page - Microchip Technology

Back Button USB7056T-I/KDX Datasheet HTML 3Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 4Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 5Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 6Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 7Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 8Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 9Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 10Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00002675F-page 7
USB7056
configured for operation through internal default settings. Custom OEM configurations are supported through external
SPI ROM or internal OTP ROM. All port control signal pins are under firmware control in order to allow for maximum
operational flexibility and are available as GPIOs for customer specific use.
The USB7056 is available in commercial (0°C to +70°C) and industrial (-40°C to +85°C) temperature ranges. An internal
block diagram of the USB7056 in an upstream Type-C application is shown in Figure 2-1.
FIGURE 2-1:
USB7056 INTERNAL BLOCK DIAGRAM - UPSTREAM TYPE-C APPLICATION
Hub Controller Logic
I
2C/SMB
25 Mhz
USB3 USB2
P5
A
USB7056
PHY0
+3.3 V
+1.2 V
PHY2
PHY1
PHY2
B
PHY1
A
PHY0
P0
C
X-BAR
MUX
Alternate
Mode
UPD3x0
CC
PD Power
Up to
100W
VBUS
P1
C
CC
P2
A
PHY3 PHY3
P3
A
PHY4 PHY4
P4
A
PHY5 PHY5
P6
A
PHY6
Hub Feature Controller
GPIO SMB
OTP
SPI
I
2S
Mux
HFC
PHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com