Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDRC-75-5 Datasheet(PDF) 5 Page - CUI INC

Part # PDRC-75-5
Description  AC-DC DIN RAIL POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDRC-75-5 Datasheet(HTML) 5 Page - CUI INC

  PDRC-75-5 Datasheet HTML 1Page - CUI INC PDRC-75-5 Datasheet HTML 2Page - CUI INC PDRC-75-5 Datasheet HTML 3Page - CUI INC PDRC-75-5 Datasheet HTML 4Page - CUI INC PDRC-75-5 Datasheet HTML 5Page - CUI INC PDRC-75-5 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
date 04/27/2021
│ page 5 of 6
CUI Inc
│ SERIES: PDRC-75 │ DESCRIPTION: AC-DC DIN RAIL POWER SUPPLY
100
80
62.5
40
20
Ambient Temperature (°C)
80
71
56
61
-40
0203040
all other models
5 Vdc output model
75
EFFICIENCY CURVES
DERATING CURVES
Temperature Derating Curve
(Output Load vs. Ambient Tempearature)
Load Current (%)
PDRC-75-24 Efficiency Curve
(Efficiency vs. Load Current)
(%)
PDRC-75-24 Typical Over Current Protection Curve
(Output Voltage vs. Time)
CURRENT LIMITED CURVE
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com