Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5106MM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5106MM
Description  100V Half Bridge Gate Driver with Programmable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5106MM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM5106MM Datasheet HTML 1Page - National Semiconductor (TI) LM5106MM Datasheet HTML 2Page - National Semiconductor (TI) LM5106MM Datasheet HTML 3Page - National Semiconductor (TI) LM5106MM Datasheet HTML 4Page - National Semiconductor (TI) LM5106MM Datasheet HTML 5Page - National Semiconductor (TI) LM5106MM Datasheet HTML 6Page - National Semiconductor (TI) LM5106MM Datasheet HTML 7Page - National Semiconductor (TI) LM5106MM Datasheet HTML 8Page - National Semiconductor (TI) LM5106MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Connection Diagram
20175901
10-Lead MSOP or LLP
See NS Number MUB10A, SDC10A
Ordering Information
Ordering Number
Package Type
NSC Package Drawing
Supplied As
LM5106MM
MSOP-10
MUB10A
1000 shipped as Tape & Reel
LM5106MMX
MSOP-10
MUB10A
3500 shipped as Tape & Reel
LM5106SD
LLP-10
SDC10A
1000 shipped as Tape & Reel
LM5106SDX
LLP-10
SDC10A
4500 shipped as Tape & Reel
Pin Descriptions
Pin
Name
Description
Application Information
1
VDD
Positive gate drive supply
Decouple VDD to VSS using a low ESR/ESL capacitor, placed as
close to the IC as possible.
2
HB
High side gate driver
bootstrap rail
Connect the positive terminal of bootstrap capacitor to the HB pin
and connect negative terminal to HS. The Bootstrap capacitor
should be placed as close to IC as possible.
3
HO
High side gate driver
output
Connect to the gate of high side N-MOS device through a short,
low inductance path.
4
HS
High side MOSFET source
connection
Connect to the negative terminal of the bootststrap capacitor and to
the source of the high side N-MOS device.
5
NC
Not Connected
6
RDT
Dead-time programming
pin
A resistor from RDT to VSS programs the turn-on delay of both the
high and low side MOSFETs. The resistor should be placed close
to the IC to minimize noise coupling from adjacent PC board traces.
7
EN
Logic input for driver
Disable/Enable
TTL compatible threshold with hysteresis. LO and HO are held in
the low state when EN is low.
8
IN
Logic input for gate driver
TTL compatible threshold with hysteresis. The high side MOSFET
is turned on and the low side MOSFET turned off when IN is high.
9
VSS
Ground return
All signals are referenced to this ground.
10
LO
Low side gate driver output
Connect to the gate of the low side N-MOS device with a short, low
inductance path.
NA
EP
Exposed Pad
The exposed pad has no electrical contact. Connect to system
ground plane for reduced thermal resistance.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com