Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DBV20LE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3DBV20LE
Description  3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux Video Switch w/ Single Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3DBV20LE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3DBV20LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3DBV20LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3DBV20LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3DBV20LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3DBV20LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3DBV20LE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS8708
07/13/04
Features
• RON is 4Ω typical
• Low bit-to-bit skew: 200ps
• Low-Crosstalk: –27dB @ 250MHz
• Near-Zero propagation delay: 250ps
• Switching speed: 9ns
• Channel On-Capacitance: 9pF (typical)
• VCC Operating Range: +3.0V to +3.6V
• ESD > 2000V . . . Human Body Model
• >500 MHz bandwidth (or data frequency)
• Packaging (Pb-free & Green available):
-16-pin 173 mil wide plastic TSSOP (L)
Application
• Routes physical layer signals for high bandwidth
digital video
Description
Pericom Semiconductor’s PI3DBV series of logic circuits are
produced using the Company’s advanced sub-micron CMOS
technology, achieving industry leading performance.
The PI3DBV20 is a 4- to 2-Channel multiplexer/demultiplexer
Video Switch with Hi-Z outputs. Industry leading advantages in-
clude a propagation delay of less than 250ps, resulting from its low
channel resistance and I/O capacitance. The device multiplexes
differential outputs from a video source to one of two correspond-
ing outputs, or switch two inputs to a common display. The switch
is bidirectional and offers little or no attenuation of the high-speed
signals at the outputs. It is designed for low bit-to-bit skew, high
channel-to-channel noise isolation and is compatible with various
standards, such as LVDS and TMDS.
Block Diagram
Pin Description
PI3DBV20
3.3V, Wide Bandwidth, 2-Channel,
2:1 Mux/DeMux Video Switch w/ Single Enable
Truth Table
Function
SEL
Yn to nIo
L
Yn to nI1
H
VDD
GND
Y0
Y1
Y2
Y3
GND
SEL
1
2
3
4
5
6
7
8
0l0
1
I0
0I1
1I1
2I0
3I0
2I1
3I1
16
15
14
13
12
11
10
9
Y3
Y2
Y1
Y0
1I0
0I0
1I1
0I1
3I0
2I0
3I1
2I1
SEL


Similar Part No. - PI3DBV20LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3DBV10 PERICOM-PI3DBV10 Datasheet
335Kb / 6P
3.3V, Wide Bandwidth, 1-Channel, 2:1 Mux/ DeMux Video Switch w/ Single Enable
PI3DBV10ZEE PERICOM-PI3DBV10ZEE Datasheet
335Kb / 6P
3.3V, Wide Bandwidth, 1-Channel, 2:1 Mux/ DeMux Video Switch w/ Single Enable
PI3DBV40 PERICOM-PI3DBV40 Datasheet
424Kb / 8P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
PI3DBV40A PERICOM-PI3DBV40A Datasheet
424Kb / 8P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
PI3DBV40AE PERICOM-PI3DBV40AE Datasheet
424Kb / 8P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
More results

Similar Description - PI3DBV20LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3DBV40 PERICOM-PI3DBV40 Datasheet
424Kb / 8P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
PI3USB20 PERICOM-PI3USB20 Datasheet
343Kb / 6P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ SiNGLE ENABLE
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
PI3DBV10 PERICOM-PI3DBV10 Datasheet
335Kb / 6P
3.3V, Wide Bandwidth, 1-Channel, 2:1 Mux/ DeMux Video Switch w/ Single Enable
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
logo
Pericom Semiconductor C...
PI3USB10ZEEX PERICOM-PI3USB10ZEEX Datasheet
489Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB20LEX PERICOM-PI3USB20LEX Datasheet
380Kb / 6P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
logo
Potato Semiconductor Co...
PO3B20A POTATO-PO3B20A_14 Datasheet
1Mb / 5P
Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux with Single Enable
PO3B40A POTATO-PO3B40A_14 Datasheet
1Mb / 5P
Wide Bandwidth, 8-Channel, 2:1 Mux/DeMux with Single Enable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com