Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C6612 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI6C6612
Description  3.3V Precision Audio Clock Synthesizer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6C6612 Datasheet(HTML) 2 Page - Diodes Incorporated

  PI6C6612 Datasheet HTML 1Page - Diodes Incorporated PI6C6612 Datasheet HTML 2Page - Diodes Incorporated PI6C6612 Datasheet HTML 3Page - Diodes Incorporated PI6C6612 Datasheet HTML 4Page - Diodes Incorporated PI6C6612 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
PS8794C
11/12/08
PI6C6612
3.3V Precision Audio Clock Synthesizer
X2
REF
VDD
GND
SELIN*
VDD
S1*
Clock
X1REFIN
VDD
VDD
S0*
GND
GND
S3*
S2*
*Internal Pull-Up
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Pin Assignment
Pin Description
Pin Name
Pin No
I/O Type
Pin Description
X1/REFIN
1
I
Crystal or Reference clock input. See "Recommended Crystal Specifications" for details.
VDD
2, 3, 11, 14
Power
Power supply
S0*
4
I
Output clock selection
GND
5, 6, 13
Ground
Ground
S3*
7
I
Output clock selection
S2*
8
I
Output clock selection
Clock
9
O
Clock output
S1*
10
I
Output clock selection
SELIN*
12
I
Input clock selection. Low: reference clock input; High: crystal clock input
REF
15
O
Reference clock input
X2
16
I
Crystal clock input; leave open if SELIN=Low
* Internally Pulled High
08-0298



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com