Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR64 Datasheet(PDF) 1 Page - Schneider Electric

Part # LR64
Description  Non-contact radar level transmitter for solids from granulates to rocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LR64 Datasheet(HTML) 1 Page - Schneider Electric

  LR64 Datasheet HTML 1Page - Schneider Electric LR64 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
Non-contact radar level transmitter
for solids from granulates to rocks
LR64
Main
Range of Product
Level
Product or Component Type
Buoyancy transmitter
[Us] rated supply voltage
12...30 V DC
16...36 V DC
Antenna type
Metallic horn
PP drop
PTFE drop
Complementary
Housing material
Aluminium
316L stainless steel
Communication port protocol
HART, 4...20 mA
Display Type
LCD display
Measurement accuracy
+/- 2 mm
Measurement range
0...100 m
0...328 ft
Pressure Rating
-14.50…232.06 psi (-1…16 bar)
-14.5…232 psi (-99.97…1599.58 kPa)
Type of measurement
Radar K-band frequency 24 GHz
Connector type
DIN
ASME
JIS
ISO
ASME
Environment
Ambient air temperature for
operation
-58…266 °F (-50…130 °C)
-58…266 °F (-50…130 °C)
Standards
EN/IEC 61508 level SIL2
NACE MR01-75
NACE MR01-03
IP Degree of Protection
IP66
IP68
NEMA Degree of Protection
NEMA 4X
NEMA 6P
NEMA 6
 
Apr 26, 2022
1


Similar Part No. - LR64

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR6401 UTC-LR6401 Datasheet
421Kb / 8P
DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
LR6401 UTC-LR6401 Datasheet
448Kb / 8P
DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
LR6401AG-AG6-R UTC-LR6401AG-AG6-R Datasheet
448Kb / 8P
DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
LR6401AL-AG6-R UTC-LR6401AL-AG6-R Datasheet
448Kb / 8P
DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
LR6401BG-AG6-R UTC-LR6401BG-AG6-R Datasheet
448Kb / 8P
DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
More results

Similar Description - LR64

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
704-5010-130 MAGNETROL-704-5010-130 Datasheet
1Mb / 36P
GuidedWave Radar Level Transmitter
705-5100-121 MAGNETROL-705-5100-121 Datasheet
1Mb / 56P
GuidedWave Radar Level Transmitter
R82-510A-012 MAGNETROL-R82-510A-012 Datasheet
1Mb / 48P
Pulse Burst Radar Level Transmitter
R95-510A-110 MAGNETROL-R95-510A-110 Datasheet
1Mb / 16P
Pulse Burst Radar Level Transmitter
R95-510A-130 MAGNETROL-R95-510A-130 Datasheet
1Mb / 48P
Pulse Burst Radar Level Transmitter
logo
Schneider Electric
LR54 SCHNEIDER-LR54 Datasheet
81Kb / 2P
Non-contact radar level transmitter for liquids in basic process applications
Apr 26, 2022
LR65 SCHNEIDER-LR65 Datasheet
91Kb / 2P
Non-contact radar level transmitter for powders and dusty atmospheres
Apr 26, 2022
LR74 SCHNEIDER-LR74 Datasheet
79Kb / 2P
Non-contact radar level transmitter for agitated and corrosive liquids
Apr 26, 2022
LR75 SCHNEIDER-LR75 Datasheet
86Kb / 2P
Non-contact radar level transmitter for liquids in narrow tanks w. internal obstructions
Apr 26, 2022
logo
Endress+Hauser Group Se...
TI01047F EH-TI01047F Datasheet
1Mb / 12P
Point level switch for granular solids
2022-05-31
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com