Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPLT1280A Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KPLT1280A
Description  Photo Link Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPLT1280A Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KPLT1280A Datasheet HTML 1Page - COSMO  Electronics Corporation KPLT1280A Datasheet HTML 2Page - COSMO  Electronics Corporation KPLT1280A Datasheet HTML 3Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
c 2004
cosmo ELECTRONICS CORPORATION
http://www.cosmo-ic.com
3
KPL1280A
Photo Link Connector
(3).Measuring method of Pulse response
6Mbps NRZ"1010" successive pattern
Input signal
to be measured
Input
Vin
Vcc
GND
Vcc
PHOTOLINK Unit
Standard optical fiber cable
CH2
Output signal
Oscilloscope
CH1
Standard receiver
Input signal (CH1)
Output signal (CH2)
PHL
PLH
50%
50%
Input signal (CH1)
Output signal (CH2)
50%
90%
50%
10%
tf
tr
VOH
VOL
t
t
(4).Measuring method of Jitter
Vin
Vcc
GND
Vcc
put
0
0
1
1
Standard optical fiber cable
CH2
CH1
Oscilloscope
Output signa
Standard receiver
PHOTOLINK Unit
to be measured
tj
tj
Input signal (CH1)
Output signal (CH2)
50%
50%
5.Recommended PCB Layout
2.54
7.62
3-
0.8
2.54
2- 2
.8
Notes:
1.Unit:mm
2.tolerance: 0.3mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com