Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8082413 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8082413
Description  Cantilever linear actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8082413 Datasheet(HTML) 1 Page - Festo Corporation.

  8082413 Datasheet HTML 1Page - Festo Corporation. 8082413 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cantilever linear actuator
ELCC-TB-KF-110-800-0H-P0-CR
Part number: 8082413
Data sheet
Feature
Value
Drive pinion effective diameter
68.755 mm
Working stroke
800 mm
Size
110
Stroke reserve
0 mm
Toothed belt pitch
8 mm
Mounting position
Any
Guide
Recirculating ball bearing guide
Structural design
Electromechanical cantilever axis
Symbol
00991210
Max. acceleration
30 m/s²
Max. speed
5 m/s
Repetition accuracy
±0.05 mm
Corrosion resistance class (CRC)
0 - No corrosion stress
Degree of protection
IP20
Ambient temperature
-10 °C ... 60 °C
2nd moment of area Iy
6830570
mm⁴
2nd moment of area Iz
4925970
mm⁴
Max. driving torque
90 Nm
Max. force Fy
20596 N
Max. force Fz
20022 N
Max. torque Mx
317 Nm
Max. torque My
2368 Nm
Max. torque Mz
2286 Nm
Max. feed force Fx
2500 N
Mass moment of inertia JH per meter of stroke
174.9 kgcm²
Mass moment of inertia JL per kg of payload
11.8 kgcm²
Mass moment of inertia JO
157.1 kgcm²
Feed constant
216 mm/U
Reference value, running performance
5000 km
Lubrication interval, distance dependent
1000 km
Moving mass at 0 mm stroke
10017 g
Additional weight per 10 mm stroke
148 g
Basic weight with 0 mm stroke
27299 g
Additional moving mass per 10 mm stroke
148 g
Material of end caps
Wrought aluminum alloy, anodized
Profile material
Wrought aluminum alloy, anodized
5/2/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8082413

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8082410 FESTO-8082410 Datasheet
96Kb / 2P
Cantilever linear actuator
5/2/22
8082411 FESTO-8082411 Datasheet
96Kb / 2P
Cantilever linear actuator
5/2/22
8082412 FESTO-8082412 Datasheet
96Kb / 2P
Cantilever linear actuator
5/2/22
8082414 FESTO-8082414 Datasheet
96Kb / 2P
Cantilever linear actuator
5/2/22
8082415 FESTO-8082415 Datasheet
96Kb / 2P
Cantilever linear actuator
5/2/22
More results

Similar Description - 8082413

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8082387 FESTO-8082387 Datasheet
93Kb / 2P
Cantilever linear actuator
5/2/22
8082390 FESTO-8082390 Datasheet
93Kb / 2P
Cantilever linear actuator
5/2/22
8082398 FESTO-8082398 Datasheet
92Kb / 2P
Cantilever linear actuator
5/2/22
8082400 FESTO-8082400 Datasheet
97Kb / 2P
Cantilever linear actuator
5/2/22
8082402 FESTO-8082402 Datasheet
97Kb / 2P
Cantilever linear actuator
5/2/22
8082404 FESTO-8082404 Datasheet
97Kb / 2P
Cantilever linear actuator
5/2/22
8082410 FESTO-8082410 Datasheet
96Kb / 2P
Cantilever linear actuator
5/2/22
8082411 FESTO-8082411 Datasheet
96Kb / 2P
Cantilever linear actuator
5/2/22
8082412 FESTO-8082412 Datasheet
96Kb / 2P
Cantilever linear actuator
5/2/22
8082417 FESTO-8082417 Datasheet
96Kb / 2P
Cantilever linear actuator
5/2/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com