Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32467 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP32467
Description  50 mΩ, Slew Rate Controlled Load Switch in WCSP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32467 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP32467 Datasheet HTML 1Page - Vishay Siliconix SIP32467 Datasheet HTML 2Page - Vishay Siliconix SIP32467 Datasheet HTML 3Page - Vishay Siliconix SIP32467 Datasheet HTML 4Page - Vishay Siliconix SIP32467 Datasheet HTML 5Page - Vishay Siliconix SIP32467 Datasheet HTML 6Page - Vishay Siliconix SIP32467 Datasheet HTML 7Page - Vishay Siliconix SIP32467 Datasheet HTML 8Page - Vishay Siliconix SIP32467 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SiP32467, SiP32468
www.vishay.com
Vishay Siliconix
S20-0532-Rev. C, 06-Jul-2020
2
Document Number: 67757
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
a. Negative current injection up to 300 mA
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
CONDITIONS
LIMIT
UNIT
Supply input voltage (VIN)
Reference to GND
-0.3 to 6.5
V
Output voltage (VOUT)
Reference to GND
-0.3 to 6.5
Output voltage (VOUT)
Pulse at 1 ms reference to GND a
-1.6
Enable input voltage EN
Reference to GND
-0.3 to 6.5
Maximum continuous switch current
1.2
A
Maximum pulse switch current
Pulse at 1 ms, 10 % duty cycle
2
ESD rating (HBM)
4000
V
Thermal resistance
205
°C/W
Maximum power dissipation
TA = 25 °C
300
mW
Temperature
Operating temperature
-40 to 85
°C
Operating junction temperature
125
Storage temperature
-65 to 150
RECOMMENDED OPERATING RANGE
ELECTRICAL PARAMETER
MINIMUM
TYPICAL
MAXIMUM
UNIT
Input voltage (VIN)
1.2
-
5.5
V
Output voltage (VOUT)
1.2
-
5.5
SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITION
UNLESS OTHERWISE SPECIFIED
VIN = 1.2 V to 5.5 V, TA = -40 °C to 85 °C
LIMITS
UNIT
MIN.
TYP.
MAX.
Power Supply
Quiescent current
IQ
VIN = 3.3 V, IOUT = 0 mA
-
6
8
μA
Shutdown current
ISD
OUT = GND
-
0.01
2
Off switch current
IDS(off)
EN = VIN, OUT = GND
-
0.01
2
Reverse blocking current
I(in)RB
OUT = 5 V, IN = 1.2 V, EN = 1.2 V, (measured at IN pin)
-
0.01
1
OUT = 5 V, IN = 0 V, EN = open, (measured at IN pin)
-
0.01
1
Switch Resistance
On resistance
RDS(on)
IOUT = 500 mA, VIN = 1.2 V, TA = 25 °C
-
95
150
m
IOUT = 500 mA, VIN = 1.5 V, TA = 25 °C
-
80
120
IOUT = 500 mA, VIN = 1.8 V, TA = 25 °C
-
70
100
IOUT = 500 mA, VIN = 3 V, TA = 25 °C
-
54
65
IOUT = 500 mA, VIN = 5 V, TA = 25 °C
-
50
65
Discharge switch on resistance
RPD
When VIN = 3 V at 25 °C
-
80
-
When VIN = 1.8 V at 25 °C
-
< 200
-
EN pin pull up resistor
REN
EN = 1.2 V
1
2.6
5
M
On resistance temperature
coefficient
TCRDS
-
2800
ppm/°C
On/off Logic
EN input low voltage
VIL
VIN = 1.5 V
0.4
-
-
V
EN input high voltage
VIH
VIN = 5.5 V
-
-
1
Switching Speed
Switch turn-on delay time
ton_DLY
RLOAD = 500 , CL = 0.1 μF, VIN = 5 V
-
130
-
μs
Switch turn-on rise time
tr
RLOAD = 500 , CL = 0.1 μF, VIN = 5 V
-
170
-
Switch turn-off delay time
toff
RLOAD = 500 , CL = 0.1 μF, (50 % VIN to 90 % VOUT)-
2
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com