Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP41109 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP41109
Description  Half-Bridge N-Channel MOSFET Driver for DC/DC Conversion
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP41109 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP41109 Datasheet HTML 1Page - Vishay Siliconix SIP41109 Datasheet HTML 2Page - Vishay Siliconix SIP41109 Datasheet HTML 3Page - Vishay Siliconix SIP41109 Datasheet HTML 4Page - Vishay Siliconix SIP41109 Datasheet HTML 5Page - Vishay Siliconix SIP41109 Datasheet HTML 6Page - Vishay Siliconix SIP41109 Datasheet HTML 7Page - Vishay Siliconix SIP41109 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number: 73023
S09-1453-Rev. B, 03-Aug-09
Vishay Siliconix
SiP41109, SiP41110
Notes:
a. Device Mounted with all leads soldered or welded to PC board.
b. Derate 7.7 mW/°C.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS (all voltages referenced to GND = 0 V)
Parameter
Limit
Unit
VCC, PVCC
- 0.3 to 15
V
BOOT, PHASE
- 0.3 to 55
BOOT to PHASE
- 0.3 to 15
Storage Temperature
- 40 to 150
°C
Operating Junction Temperature
125
Power Dissipationa
SO-8
770
mW
Thermal Impedance (
Θ
JA)
b
130
°C/W
RECOMMENDED OPERATING RANGE (all voltages referenced to GND = 0 V)
Parameter
Limit
Unit
VCC
10.8 to 13.2
V
VLX
48
CBOOT
100 nF to 1 µF
BOOT to PHASE
8V
Operating Temperature Range
- 40 to 85
°C
SPECIFICATIONSa
Parameter
Symbol
Test Conditions Unless Specified
VCC = 12 V, VBOOT - VPHASE = 8 V
TA = - 40 °C to 85 °C
Limits
Unit
Min.a
Typ.b
Max.a
Power Supplies
Supply Voltage
VDD
10.8
13.2
V
Quiescent Current
ICCQ
PWM non-switching
5.6
9.5
mA
Supply Current
IDD
fPWM = 100 kHz, CLOAD = 3 nF
SiP41109
12.5
SiP41110
11.0
Tristate (Shutdown) Current
ICCT
PWM = open
850
1200
µA
Reference Voltage
Break-Before-Make
VBBM
2.5
V
PWM Input
Input High
VIH
4.0
VDD
V
Input Low
VIL
1.0
Bias Current
IB
PWM 5 V or 0 V
± 600
± 1000
µA
Tristate Threshold
High
VTSH
3.0
V
Low
VTSL
2.0
Tristate Holdoff Timeoutc
tTST
240
ns
Bootstrap Diode
Forward Voltage
VF
IF = 40 mA, TA = 25 °C
0.70
0.85
1.0
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com