Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SISF02DN Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SISF02DN
Description  Common Drain Dual N-Channel 25 V (S1-S2) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SISF02DN Datasheet(HTML) 3 Page - Vishay Siliconix

  SISF02DN Datasheet HTML 1Page - Vishay Siliconix SISF02DN Datasheet HTML 2Page - Vishay Siliconix SISF02DN Datasheet HTML 3Page - Vishay Siliconix SISF02DN Datasheet HTML 4Page - Vishay Siliconix SISF02DN Datasheet HTML 5Page - Vishay Siliconix SISF02DN Datasheet HTML 6Page - Vishay Siliconix SISF02DN Datasheet HTML 7Page - Vishay Siliconix SISF02DN Datasheet HTML 8Page - Vishay Siliconix SISF02DN Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SiSF02DN
www.vishay.com
Vishay Siliconix
S19-0104-Rev. A, 04-Feb-2019
3
Document Number: 76933
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Source Current and Gate Voltage
Gate Charge
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
10
100
1000
10000
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
Axis Title
V
S1S2 - Source-to-Source Voltage (V)
V
GS = 3 V
V
GS = 10 V thru 4 V
10
100
1000
10000
0
0.001
0.002
0.003
0.004
0.005
0.006
0
20406080
100
Axis Title
I
S1S2 - Source Current (A)
V
GS = 10 V
V
GS = 4.5 V
Note: for one channel only
10
100
1000
10000
0
2
4
6
8
10
0
5
10
15
20
25
30
35
Q
g - Total Gate Charge (nC)
I
D = 5 A
V
DS = 10 V
V
DS = 15 V
V
DS = 5 V
10
100
1000
10000
0
20
40
60
80
100
01234
Axis Title
V
GS - Gate-to-Source Voltage (V)
T
C = 125 °C
T
C = 25 °C
T
C = -55 °C
Note: for one channel only
10
100
1000
10000
0
500
1000
1500
2000
2500
3000
0
5
10
15
20
25
V
DS - Drain-to-Source Voltage (V)
C
iss
C
rss
C
oss
10
100
1000
10000
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
Axis Title
T
J - Junction Temperature (°C)
I
D = 7 A
V
GS = 4.5 V
V
GS = 10 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com