Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15021 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX15021
Description  Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator withTracking/ Sequencing Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15021 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX15021 Datasheet HTML 16Page - Maxim Integrated Products MAX15021 Datasheet HTML 17Page - Maxim Integrated Products MAX15021 Datasheet HTML 18Page - Maxim Integrated Products MAX15021 Datasheet HTML 19Page - Maxim Integrated Products MAX15021 Datasheet HTML 20Page - Maxim Integrated Products MAX15021 Datasheet HTML 21Page - Maxim Integrated Products MAX15021 Datasheet HTML 22Page - Maxim Integrated Products MAX15021 Datasheet HTML 23Page - Maxim Integrated Products MAX15021 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
MAX15021
Dual, 4A/2A, 4MHz, Step-Down
DC-DC Regulator withTracking/
Sequencing Capability
Maxim Integrated | 21
www.maximintegrated.com
Typical Operating Circuits
CI2
MAX15021
LX2
PGND2
EN1
DVDD1
RT
SEL
COMP1
SGND
AVIN
EN2 PVIN2
DVDD2
CDD1
CCF2
CF2
RF2
RT
RI2
R1
C1
VIN
R1FB1
RI1
RS2
L2
R2FB2
R2FB1
R1FB2
CT
C2
CI1
COUT2
VOUT2
VAVIN
CS2
CIN2
CDD2
FB2
VIN
PVIN1
CIN1
VIN
COMP2
CCF1
CF1
RF1
LX1
PGND1
FB1
PGND
SGND
RS1
L1
COUT1
VOUT1
VAVIN
CS1
R1EN2
R2EN2
Figure 7. MAX15021 Double Buck with Tracking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com