Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6325ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6325ESA
Description  1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6325ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6325ESA Datasheet HTML 1Page - Maxim Integrated Products MAX6325ESA Datasheet HTML 2Page - Maxim Integrated Products MAX6325ESA Datasheet HTML 3Page - Maxim Integrated Products MAX6325ESA Datasheet HTML 4Page - Maxim Integrated Products MAX6325ESA Datasheet HTML 5Page - Maxim Integrated Products MAX6325ESA Datasheet HTML 6Page - Maxim Integrated Products MAX6325ESA Datasheet HTML 7Page - Maxim Integrated Products MAX6325ESA Datasheet HTML 8Page - Maxim Integrated Products MAX6325ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1ppm/°C, Low-Noise, +2.5V/+4.096V/+5V
Voltage References
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX6325
(VIN = +10V, IOUT = 0mA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages Referenced to GND)
IN ................................................................................-0.3V to 40V
OUT, TRIM ..................................................................-0.3V to 12V
NR.................................................................................-0.3V to 6V
OUT Short-Circuit to GND Duration (VIN
≤ 12V)..........Continuous
OUT Short-Circuit to GND Duration (VIN
≤ 40V) ........................5s
OUT Short-Circuit to IN Duration (VIN
≤ 12V) ..............Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ......727mW
8-Pin SO (derate 5.88mW/°C above +70°C) ...................471mW
8-Pin CERDIP (derate 8.00mW/°C above +70°C) ...........640mW
Operating Temperature Ranges
MAX63_ _ C_ A.......................................................0°C to +70°C
MAX63_ _ E_ A ....................................................-40°C to +85°C
MAX63_ _ MJA ..................................................-55°C to +125°C
Storage Temperature Range ..............................-65°C to +150°C
Lead Temperature (soldering, 10s)...................................+300°C
Load Regulation (Note 2)
∆VOUT/
∆IOUT
ppm/mA
+25°C
+25°C
µs
5
+25°C
tON
Turn-On Settling Time
To ±0.01% of final value
µVRMS
1.3
2.8
+25°C
en
Output Noise Voltage (Note 3)
µVp-p
1.5
mV
±15
±25
C, E, M
∆VOUT
Trim-Adjustment Range
mA
3.0
C, E, M
IIN
Supply Current
1.8
2.7
+25°C
10
30
M
17
10Hz
≤ f ≤ 1kHz
E
0.1Hz
≤ f ≤ 10Hz
(Figure 1)
16
C
ppm/
1000hr
315
M
30
+25°C
17
∆VOUT/t
Long-Term Stability
E
16
C
+25°C
Temperature Hysteresis
ppm
20
(Note 4)
10
M
8
E
7
C
25
+25°C
10V
≤ VIN ≤ 36V
45
M
35
E
30
C
MAX6325MJA
1.0
2.5
M
8V
≤ VIN ≤ 10V
CONDITIONS
MAX6325E_A
MAX6325C_A
MAX6325
ppm/V
10
18
+25°C
∆VOUT/
∆VIN
Line Regulation (Note 2)
ppm/°C
0.75
1.5
E
TCVOUT
Output Voltage Temperature
Coefficient (Note 1)
0.5
1.0
C
Output Voltage
VOUT
2.499
2.500
2.501
V
TA
C, E, M
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
836
V
Sourcing: 0mA
≤ IOUT ≤ 15mA
Sinking: -15mA
≤ IOUT ≤ 0mA
MAX6325/MAX6341/MAX6350
2
Maxim Integrated
MAX6325/MAX6341/MAX6350



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com