Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010ACPZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL6010ACPZN-R7
Description  Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010ACPZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL6010ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Data Sheet
ADL6010
Rev. E | Page 15 of 23
MEASUREMENT SETUPS
ROHDE & SCHWARZ
SIGNAL GENERATOR
SMR 40
ADL6010
EVALUATION
BOARD
PULSE IN
RF OUT
RFIN
VPOS
1MΩ
TRIGGER
VOUT
HP E3631A
POWER
SUPPLY
AGILENT 33522A
FUNCTION/ARBITRARY
WAVEFORM GENERATOR
CH2
CH1
TEKTRONIX
DIGITAL PHOSPHOR
OSCILLOSCOPE
TDS5104
Figure 37. Hardware Configuration for Output Response to RF Burst Input
Measurements
AD8017
ON UG-128
EVALUATION
BOARD
+2
ROHDE & SCHWARZ
SIGNAL GENERATOR
SMR 40
ADL6010
EVALUATION
BOARD
PULSE IN
RF OUT
RFIN
1MΩ
TRIGGER
VOUT
AGILENT 33522A
FUNCTION/ARBITRARY
WAVEFORM GENERATOR
CH2
CH1
TEKTRONIX
DIGITAL PHOSPHOR
OSCILLOSCOPE
TDS5104
VPOS
Figure 38. Hardware Configuration for Output Response to Power Supply
Gating Measurements
RF
SOURCE
(CARRIER)
RF
SOURCE
(MODULATION)
ADL5390
(RF VECTOR
MULTIPLIER)
DC CONTROL
ADL5545
(RF GAIN
BLOCK)
DIRECTIONAL
COUPLER
SPECTRUM
ANALYZER
REF
–10dB
RFIN
ADL6010
EVALUATION
BOARD
VOUT
TEKTRONIX
DIGITAL PHOSPHOR
OSCILLOSCOPE
TDS5104
FET PROBE
(2pF
,1MΩ)
Figure 39. Hardware Configuration for Envelope Output Response
Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com