Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1621 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP1621
Description  Constant-Frequency, Current-Mode Step-Up DC-to-DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1621 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP1621 Datasheet HTML 19Page - Analog Devices ADP1621 Datasheet HTML 20Page - Analog Devices ADP1621 Datasheet HTML 21Page - Analog Devices ADP1621 Datasheet HTML 22Page - Analog Devices ADP1621 Datasheet HTML 23Page - Analog Devices ADP1621 Datasheet HTML 24Page - Analog Devices ADP1621 Datasheet HTML 25Page - Analog Devices ADP1621 Datasheet HTML 26Page - Analog Devices ADP1621 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
ADP1621
Rev. D | Page 23 of 32
BOOTSTRAPPED BOOST CONVERTER
The inputs of the ADP1621 can be driven from the step-up
converter output voltage to improve efficiency for low input
voltages. For low input voltages, bootstrapped operation improves
efficiency with heavy loads by increasing the available gate drive
voltage, thus reducing the on resistance of the MOSFET. However,
because the internal circuitry is driven from IN, the ADP1621
quiescent current and gate drive current supplied from the input
increases due to the step-up ratio and the conversion efficiency
loss.
The circuit shown in Figure 1 shows a bootstrapped boost con-
verter, where VIN = 3.3 V and VOUT = 5 V. To ensure that the circuit
starts, make sure that the input voltage minus the forward-voltage
drop of the diode is greater than the UVLO voltage and the gate
threshold voltage of the MOFSET. In this example, the MOSFET
has a gate threshold voltage of 2.5 V. The regulator shown in
Figure 1 is very similar to that shown in Figure 33, which is a
standard boost without bootstrapping. Because the same MOSFET
and inductor are used in both circuits and the input and output
conditions are the same, the compensation components remain
unchanged.
Figure 34 shows a bootstrapped application circuit for output
voltages greater than 5.5 V. In this case, the output is 12 V.
Notice that a resistor, R3, of 700 Ω is placed between VOUT and
the IN and PIN pins to limit the input currents because the IN
and PIN pins are regulated to 5.5 V. A diode, D2, is placed between
VIN and the IN/PIN pins to supply the necessary quiescent current
to start the ADP1621. After the ADP1621 starts and the output
voltage reaches 12 V, the quiescent current stops flowing through
D2 and is supplied by the output. Keep in mind that the dynamic
supply current to PIN increases as the switching frequency
increases because more gate drive is needed for a higher
switching frequency. Therefore, R3 needs to be set appropriately.
The PIN supply current can be approximated by
IPIN = fSW × QG
(45)
where:
IPIN is the PIN supply current.
fSW is the switching frequency.
QG is the gate charge of a particular MOSFET.
An alternative implementation to Figure 34 is shown in Figure 35,
where an NPN transistor is used to supply the necessary current
to the input PIN at various loads, but the gate drive voltage is
limited to approximately 4.8 V (one diode drop below the voltage
at IN). Signal Diodes D2 and D3 help to provide the necessary
quiescent current to start the ADP1621. After the ADP1621
starts, the current stops flowing through these two diodes because
the voltages at PIN and IN are approximately 4.8 V and 5.5 V,
respectively. One advantage of this technique is that Q1 provides
enough current to the gate driver at any switching frequency
with a wide range of MOSFETs that have different gate charge
specifications.
Notice that the output capacitor, COUT2 in Figure 34 and Figure 35,
is a large aluminum electrolytic capacitor, both in physical size
and capacitance. Such capacitors are very cheap relative to
ceramic capacitors (such as Sanyo POSCAP) or aluminum
polymer capacitors. The ADP1621 can work with a wide range
of capacitor types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com